Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA306A-FHZ Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce SA306A-FHZ
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA306A-FHZ Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button SA306A-FHZ Datasheet HTML 6Page - Cirrus Logic SA306A-FHZ Datasheet HTML 7Page - Cirrus Logic SA306A-FHZ Datasheet HTML 8Page - Cirrus Logic SA306A-FHZ Datasheet HTML 9Page - Cirrus Logic SA306A-FHZ Datasheet HTML 10Page - Cirrus Logic SA306A-FHZ Datasheet HTML 11Page - Cirrus Logic SA306A-FHZ Datasheet HTML 12Page - Cirrus Logic SA306A-FHZ Datasheet HTML 13Page - Cirrus Logic SA306A-FHZ Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SA306
0
SA306U
P r o d u c t I n n o v a t i o n F r o m
2.LAYOUTCONSIDERATIONS
Output traces carry signals with very high dV/dt and dI/dt. Proper routing and adequate power supply bypassing
ensures normal operation. Poor routing and bypassing can cause erratic and low efficiency operation as well as
ringing at the outputs.
The V
S supply should be bypassed with a surface mount ceramic capacitor mounted as close as possible to the VS
pins. Total inductance of the routing from the capacitor to the V
S and GND pins must be kept to a minimum to pre-
vent noise from contaminating the logic control signals. A low ESR capacitor of at least 25μF per ampere of output
current should be placed near the SA306 as well. Capacitor types rated for switching applications are the only types
that should be considered. Note that phases B & C share a V
S connection and the bypass recommendation should
reflect the sum of B & C phase current.
The bypassing requirements of the V
DD supply are less stringent, but still necessary. A 0.1μF to 0.47μF surface
mount ceramic capacitor (X7R or NPO) connected directly to the V
DD pin is sufficient.
SGND and PGND pins are connected internally. However, these pins must be connected externally in such a way
that there is no motor current flowing in the logic and signal ground traces as parasitic resistances in the small
signal routing can develop sufficient voltage drops to erroneously trigger input transitions. Alternatively, a ground
plane may be separated into power and logic sections connected by a pair of back to back Schottky diodes. This
isolates noise between signal and power ground traces and prevents high currents from passing between the plane
sections.
Unused area on the top and bottom PCB planes should be filled with solid or hatched copper to minimize inductive
coupling between signals. The copper fill may be left unconnected, although a ground plane is recommended.
2.2FAULTINDICATIONS
In the case of either an over-temperature or short circuit fault, the SA306 will take no action to disable the outputs.
Instead, the SC and TEMP signals are provided to an external controller, where a determination can be made re-
garding the appropriate course of action. In most cases, the SC pin would be connected to a FAULT input on the
processor, which would immediately disable its PWM outputs. The TEMP fault does not require such an immediate
response, and would typically be connected to a GPIO, or keyboard Interrupt pin of the processor. In this case,
the processor would recognize the condition as an external interrupt, which could be processed in software via an
Interrupt Service Routine. The processor could optionally bring all inputs low, or assert a high level to either of the
disable inputs on the SA306.
Figure 6 shows an external SR flip-flop which pro-
vides a hard wired shutdown of all outputs in re-
sponse to a fault indication. An SC or TEMP fault sets
the latch, pulling the disable pin high. The processor
clears the latched condition with a GPIO. This circuit
can be used in safety critical applications to remove
software from the fault-shutdown loop, or simply to
reduce processor overhead.
In applications which may not have available GPIO,
the TEMP pin may be externally connected to the
adjacent DIS1 pin. If the device temperature reaches
~135ºC all outputs will be disabled, de-energizing the
motor. The SA306 will re-energize the motor when
the device temperature falls below approximately 95ºC. The TEMP pin hysteresis is wide to reduce the likelihood
of thermal oscillations which can greatly reduce the life of the device.
2.3 UNDER-VOLTAGE LOCKOUT
The undervoltage lockout condition results in the SA306 unilaterally disabling all output FETs until V
S is above
the UVLO threshold indicated in the spec table. There is no external signal indicating that an undervoltage lock-
FIgURE6.ExTERNALFAULTLATCh
CIRCUIT
SA306
PROCESSOR
INTERRUPT
GPIO
PWM
SC
DIS2
TEMP
LATCHED FAULT
FAULT RESET


Numéro de pièce similaire - SA306A-FHZ

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SA306A-FHZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
SA303 CIRRUS-SA303 Datasheet
772Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com