Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845AD1 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
UC2845AD1 Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 16 page UC384XA - UC284XA 10/16 Figure 23. Error Amplifier Compensation Figure 24. External Clock Synchronization. D95IN351 + - EA Ri + 1mA Rd R 2R 5 Cf Rf 1 2 From VO 2.5V + - EA RP + 1mA Rd R 2R 5 Cf Rf 1 2 From VO 2.5V Error Amp compensation circuit for stabilizing any current-mode topology except for boost and flyback converters operating with continuous inductor current. CP Ri Error Amp compensation circuit for stabilizing current-mode boost and flyback topologies operating with continuous inductor current. D95IN352 + - EA + R 2R 5 RT 1 2 EXTERNAL SYNC INPUT The diode clamp is required if the Sync amplitude is large enough to cause the bottom side of CT to go more than 300mV below ground R BIAS OSC CT 0.01 µF 47 Ω 4 8 VREF R |
Numéro de pièce similaire - UC2845AD1 |
|
Description similaire - UC2845AD1 |