Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845B Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce UC2845B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2845B Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button UC2845B Datasheet HTML 7Page - STMicroelectronics UC2845B Datasheet HTML 8Page - STMicroelectronics UC2845B Datasheet HTML 9Page - STMicroelectronics UC2845B Datasheet HTML 10Page - STMicroelectronics UC2845B Datasheet HTML 11Page - STMicroelectronics UC2845B Datasheet HTML 12Page - STMicroelectronics UC2845B Datasheet HTML 13Page - STMicroelectronics UC2845B Datasheet HTML 14Page - STMicroelectronics UC2845B Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
D95IN353
+
-
+
RA
1
7
f=
R
BIAS
OSC
C
6
VREF
R
R
B
+
-
+
-
EA
R
2R
R
S
Q
84
5
2
3
5K
5K
5K
NE555
8
4
2
1
5
TO ADDITIONAL
UCX84XAs
1.44
(RA +2RB)C
Dmax =
RB
RA +2RB
Figure 23: External Duty Cycle Clamp and Multi Unit Synchronization.
D95IN352
+
-
EA
+
R
2R
5
R
T
1
2
EXTERNAL
SYNC INPUT
The diode clamp is required if the Sync amplitude is large enough to cause
the bottom side of CT to go more than 300mV below ground
R
BIAS
OSC
CT
0.01
µF
47
4
8
VREF
R
Figure 22: External Clock Synchronization.
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
11/15


Numéro de pièce similaire - UC2845B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC2845B ONSEMI-UC2845B Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC2845B STMICROELECTRONICS-UC2845B Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
March 1999
UC2845B STMICROELECTRONICS-UC2845B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC2845B ONSEMI-UC2845B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC2845B STMICROELECTRONICS-UC2845B Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com