Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS42448 Fiches technique(PDF) 52 Page - Cirrus Logic

No de pièce CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Fiches technique(HTML) 52 Page - Cirrus Logic

Back Button CS42448_07 Datasheet HTML 48Page - Cirrus Logic CS42448_07 Datasheet HTML 49Page - Cirrus Logic CS42448_07 Datasheet HTML 50Page - Cirrus Logic CS42448_07 Datasheet HTML 51Page - Cirrus Logic CS42448_07 Datasheet HTML 52Page - Cirrus Logic CS42448_07 Datasheet HTML 53Page - Cirrus Logic CS42448_07 Datasheet HTML 54Page - Cirrus Logic CS42448_07 Datasheet HTML 55Page - Cirrus Logic CS42448_07 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
DS648F3
CS42448
6.15
Status Mask (Address 1Ah)
Default = 00000
Function:
The bits of this register serve as a mask for the error sources found in the register “Status (Address 19h)
(Read Only)” on page 51. If a mask bit is set to 1, the error is unmasked, meaning that its occurrence will
affect the INT pin and the status register. If a mask bit is set to 0, the error is masked, meaning that its oc-
currence will not affect the INT pin or the status register. The bit positions align with the corresponding bits
in the Status register.
6.16
MUTEC Pin Control (Address 1Bh)
6.17
MUTEC Polarity Select (MCPOLARITY)
Default = 0
0 - Active low
1 - Active high
Function:
Determines the polarity of the MUTEC pin.
6.18
MUTE CONTROL ACTIVE (MUTEC ACTIVE)
Default = 0
0 - MUTEC pin is not active.
1 - MUTEC pin is active.
Function:
The MUTEC pin will go high or low (depending on the MUTEC Polarity Select bit) when this bit is enabled.
765
4
3
2
1
0
Reserved
Reserved
Reserved
DAC_CLK
Error_M
ADC_CLK
Error_M
ADC3_OVFL_M
ADC2_OVFL_M
ADC1_OVFL_M
76543210
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCPolarity
MUTEC
ACTIVE


Numéro de pièce similaire - CS42448_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
More results

Description similaire - CS42448_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 6-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com