Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4384-CQZ Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CS4384-CQZ
Description  103 dB, 192 kHz 8-Channel D/A Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384-CQZ Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CS4384-CQZ Datasheet HTML 2Page - Cirrus Logic CS4384-CQZ Datasheet HTML 3Page - Cirrus Logic CS4384-CQZ Datasheet HTML 4Page - Cirrus Logic CS4384-CQZ Datasheet HTML 5Page - Cirrus Logic CS4384-CQZ Datasheet HTML 6Page - Cirrus Logic CS4384-CQZ Datasheet HTML 7Page - Cirrus Logic CS4384-CQZ Datasheet HTML 8Page - Cirrus Logic CS4384-CQZ Datasheet HTML 9Page - Cirrus Logic CS4384-CQZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
DS620F1
CS4384
1. PIN DESCRIPTION
Pin Name
#
Pin Description
VD
4
Digital Power (Input) - Positive power supply for the digital section. Refer to the Recommended
Operating Conditions for appropriate voltages.
GND
5
31
Ground (Input) - Ground reference. Should be connected to analog ground.
MCLK
6
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. Table 1 illus-
trates several standard audio sample rates and the required master clock frequencies.
LRCK
7
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SDIN1
SDIN2
SDIN3
SDIN4
8
11
13
14
Serial Data Input (Input) - Input for two’s complement serial audio data.
SCLK
9
Serial Clock (Input) - Serial clocks for the serial audio interface.
VLC
18
Control Port Power (Input) - Determines the required signal level for the control port and hard-
ware mode configuration pins. Refer to the Recommended Operating Conditions for appropriate
voltages.
RST
19
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low.
FILT+
20
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits. Requires the capacitive decoupling to analog ground as shown in the Typical Connection
Diagram.
VQ
21
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
MUTEC1
MUTEC234
41
22
Mute Control (Output) - These pins are intended to be used as a control for external mute circuits
on the line outputs to prevent the clicks and pops that can occur in any single supply system.
GND
TST_OUT
AOUT5
TST_OUT
AOUT4
VA
TST_OUT
AOUT6
TST_OUT
AOUT7
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
MCLK
DSD2
VD
SDIN1
M4(TST)
DSD3
DSD1
GND
SCLK
SDIN2
M3(TST)
LRCK
CS4384
AOUT3
TST_OUT


Numéro de pièce similaire - CS4384-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4384-CQZ CIRRUS-CS4384-CQZ Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZR CIRRUS-CS4384-CQZR Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
More results

Description similaire - CS4384-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4384 CIRRUS-CS4384 Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com