Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4265 Fiches technique(PDF) 38 Page - Cirrus Logic

No de pièce CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Fiches technique(HTML) 38 Page - Cirrus Logic

Back Button CS4265_07 Datasheet HTML 34Page - Cirrus Logic CS4265_07 Datasheet HTML 35Page - Cirrus Logic CS4265_07 Datasheet HTML 36Page - Cirrus Logic CS4265_07 Datasheet HTML 37Page - Cirrus Logic CS4265_07 Datasheet HTML 38Page - Cirrus Logic CS4265_07 Datasheet HTML 39Page - Cirrus Logic CS4265_07 Datasheet HTML 40Page - Cirrus Logic CS4265_07 Datasheet HTML 41Page - Cirrus Logic CS4265_07 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
DS657F2
CS4265
6.4.3
Mute ADC (Bit 2)
Function:
When this bit is set, the serial audio output of the both ADC channels is muted.
6.4.4
ADC High-Pass Filter Freeze (Bit 1)
Function:
When this bit is set, the internal high-pass filter is disabled.The current DC offset value will be frozen and
continue to be subtracted from the conversion result. See “High-Pass Filter and DC Offset Calibration” on
page 25.
6.4.5
Master / Slave Mode (Bit 0)
Function:
This bit selects either master or slave operation for the serial audio port. Setting this bit selects Master
Mode, while clearing this bit selects Slave Mode.
6.5
MCLK Frequency - Address 05h
6.5.1
Master Clock Dividers (Bits 6:4)
Function:
Sets the frequency of the supplied MCLK signal. See Table 10 for the appropriate settings.
ADC_DIF
Description
Format
Figure
0
Left-Justified, up to 24-bit data (default)
0
5
1
I²S, up to 24-bit data
1
6
Table 9. ADC Digital Interface Formats
76
543
21
0
Reserved
MCLK
Freq2
MCLK
Freq1
MCLK
Freq0
Reserved
Reserved
Reserved
Reserved
MCLK Divider
MCLK Freq2
MCLK Freq1
MCLK Freq0
÷1
000
÷1.5
001
÷2
010
÷3
011
÷4
100
Reserved
101
Reserved
11
x
Table 10. MCLK Frequency


Numéro de pièce similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Description similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com