Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4265 Fiches technique(PDF) 36 Page - Cirrus Logic

No de pièce CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Fiches technique(HTML) 36 Page - Cirrus Logic

Back Button CS4265_07 Datasheet HTML 32Page - Cirrus Logic CS4265_07 Datasheet HTML 33Page - Cirrus Logic CS4265_07 Datasheet HTML 34Page - Cirrus Logic CS4265_07 Datasheet HTML 35Page - Cirrus Logic CS4265_07 Datasheet HTML 36Page - Cirrus Logic CS4265_07 Datasheet HTML 37Page - Cirrus Logic CS4265_07 Datasheet HTML 38Page - Cirrus Logic CS4265_07 Datasheet HTML 39Page - Cirrus Logic CS4265_07 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
DS657F2
CS4265
6.2.4
Power-Down DAC (Bit 1)
Function:
The DAC pair will remain in a reset state whenever this bit is set.
6.2.5
Power-Down Device (Bit 0)
Function:
The device will enter a low-power state whenever this bit is set. The power-down bit is set by default and
must be cleared before normal operation can occur. The contents of the control registers are retained
when the device is in power-down.
6.3
DAC Control - Address 03h
6.3.1
DAC Digital Interface Format (Bits 5:4)
Function:
The required relationship between LRCK, SCLK and SDIN for the DAC is defined by the DAC Digital In-
terface Format and the options are detailed in Table 6 and Figures 5-7.
6.3.2
Mute DAC (Bit 2)
Function:
The DAC outputs will mute and the MUTEC pin will become active when this bit is set. Though this bit is
active high, it should be noted that the MUTEC pin is active low. The common mode voltage on the outputs
will be retained when this bit is set. The muting function is effected, similar to attenuation changes, by the
DACSoft and DACZero bits in the DAC Control 2 register.
76
543
21
0
Reserved
Reserved
DAC_DIF1
DAC_DIF0
Reserved
MuteDAC
DeEmph
Reserved
DAC_DIF1 DAC_DIF0
Description
Format
Figure
0
0
Left Justified, up to 24-bit data (default)
0
5
0
1
I²S, up to 24-bit data
1
6
1
0
Right-Justified, 16-bit Data
2
7
1
1
Right-Justified, 24-bit Data
3
7
Table 6. DAC Digital Interface Formats


Numéro de pièce similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Description similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com