Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4265 Fiches technique(PDF) 53 Page - Cirrus Logic

No de pièce CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Fiches technique(HTML) 53 Page - Cirrus Logic

Back Button CS4265_07 Datasheet HTML 48Page - Cirrus Logic CS4265_07 Datasheet HTML 49Page - Cirrus Logic CS4265_07 Datasheet HTML 50Page - Cirrus Logic CS4265_07 Datasheet HTML 51Page - Cirrus Logic CS4265_07 Datasheet HTML 52Page - Cirrus Logic CS4265_07 Datasheet HTML 53Page - Cirrus Logic CS4265_07 Datasheet HTML 54Page - Cirrus Logic CS4265_07 Datasheet HTML 55Page - Cirrus Logic CS4265_07 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
DS657F2
53
CS4265
11.1.1 Accessing the E Buffer
The user can monitor the data being transferred by reading the E buffer, which is mapped into the register
space of the CS4265, through the control port. The user can modify the data to be transmitted by writing
to the E buffer.
The E buffer is only accessible when an MCLK signal is applied to the CS4265 and the device is out of
the power-down state (the PDN bit in register 02h is cleared). If either of these conditions is not met, the
values stored in the E buffer will not change when written via the control port.
The user can configure the status register such that EFTC bit is set whenever an E to F transfer com-
pletes. With this configuration in place, periodic polling of the status register allows determination of the
time periods acceptable for E buffer interaction.
Also provided is an “E to F” inhibit bit. The “E to F” buffer transfer is disabled whenever the user sets this
bit. This may be used whenever “long” control port interactions are occurring.
A flowchart for reading and writing to the E buffer is shown in Figure 45. For writing, the sequence starts
after an E to F transfer, which is based on the output timebase.
11.2 Serial Copy Management System (SCMS)
The CS4265 allows read/modify/write access to all the channel status bits. For consumer mode SCMS com-
pliance, the host microcontroller needs to manipulate the Category Code, Copy bit and L bit appropriately.
11.3 Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For each word, the most significant byte is the A channel
data, and the least significant byte is the B channel data (see Figure 44).
There are two methods of accessing this memory, known as One-Byte Mode and Two-Byte Mode. The de-
sired mode is selected through a control register bit.
Read the Status Register
(Reg 0Dh)
If set, clear E to F inhibit
Write E data
Optionally set E to F inhibit
Is the EFTC bit set?
Configure the EFTC status bit as
Rising Edge active.
Begin
Yes
No
Figure 45. Flowchart for Writing the E Buffer


Numéro de pièce similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Description similaire - CS4265_07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com