Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6132A2 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6132A2
Description  25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6132A2 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA6132A2 Datasheet HTML 2Page - Texas Instruments TPA6132A2 Datasheet HTML 3Page - Texas Instruments TPA6132A2 Datasheet HTML 4Page - Texas Instruments TPA6132A2 Datasheet HTML 5Page - Texas Instruments TPA6132A2 Datasheet HTML 6Page - Texas Instruments TPA6132A2 Datasheet HTML 7Page - Texas Instruments TPA6132A2 Datasheet HTML 8Page - Texas Instruments TPA6132A2 Datasheet HTML 9Page - Texas Instruments TPA6132A2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
OPERATING CHARACTERISTICS
TPA6132A2
SLOS597 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
VDD = 3.6 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, f = 1 kHz
25
PO
Output power(1) (Outputs in phase)
mW
THD = 1%, f = 1 kHz, RL = 32 Ω
22
VO
Output voltage(1) (Outputs in phase)
THD = 1%, VDD = 3.6 V, f = 1 kHz, RL = 100 Ω
1.1
VRMS
G0 = 0 V, G1 = 0 V, (–6 dB)
–0.45
–0.5
–0.55
G0
≥ 1.3 V, G1 = 0 V, (0 dB)
–0.95
–1.0
–1.05
AV
Closed-loop voltage gain (OUT / IN–)
V/V
G0 = 0 V, G1
≥ 1.3 V, (3 dB)
–1.36
–1.41
–1.46
G0
≥ 1.3 V, G1 ≥ 1.3 V, (6 dB)
–1.95
–2.0
–2.05
ΔAv
Gain matching
Between Left and Right channels
1%
G0 = 0 V, G1 = 0 V, (–6 dB)
26.4
G0
≥ 1.3 V, G1 = 0 V, (0 dB)
19.8
Input impedance (per input pin)
G0 = 0 V, G1
≥ 1.3 V, (3 dB)
16.5
RIN
k
G0
≥ 1.3 V, G1 ≥ 1.3 V, (6 dB)
13.2
Input impedance in shutdown
EN = 0 V
10
(per input pin)
VCM
Input common-mode voltage range
–0.5
1.5
V
Output impedance in shutdown
EN = 0 V
50
Input-to-output attenuation in shutdown
EN = 0 V
80
dB
200 mVpp ripple, f = 217 Hz
-100
kSVR
AC-power supply rejection ratio
dB
200 mVpp ripple, f = 10 kHz
-90
PO = 20 mW, f = 1 kHz
0.02%
THD+N
Total harmonic distortion plus noise(2)
PO = 25 mW into 32 Ω, VDD = 5.5 V, f = 1 kHz
0.01%
SNR
Signal-to-noise ratio
PO = 20 mW; G0 ≥ 1.3 V, G1 = 0 V, (AV = 0 dB)
100
dB
En
Noise output voltage
A-weighted
5.5
µV
RMS
fosc
Charge pump switching frequency
1200
1275
1350
kHz
tON
Start-up time from shutdown
5
ms
Crosstallk
PO = 20 mW, f = 1 kHz
–80
dB
Threshold
150
°C
Thermal shutdown
Hysteresis
20
°C
(1)
Per output channel
(2)
A-weighted
6
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TPA6132A2


Numéro de pièce similaire - TPA6132A2

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6132A2RTER TI1-TPA6132A2RTER Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6132A2RTET TI1-TPA6132A2RTET Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results

Description similaire - TPA6132A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com