Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL345 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXL345
Description  Three-Axis, 짹2/4/8/16g Digital Accelerometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL345 Fiches technique(HTML) 3 Page - Analog Devices

  ADXL345 Datasheet HTML 1Page - Analog Devices ADXL345 Datasheet HTML 2Page - Analog Devices ADXL345 Datasheet HTML 3Page - Analog Devices ADXL345 Datasheet HTML 4Page - Analog Devices ADXL345 Datasheet HTML 5Page - Analog Devices ADXL345 Datasheet HTML 6Page - Analog Devices ADXL345 Datasheet HTML 7Page - Analog Devices ADXL345 Datasheet HTML 8Page - Analog Devices ADXL345 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
ADXL345
Rev. PrA | Page 3 of 24
SPECIFICATIONS
TA = 25°C, VS = 2.5 V, VDD I/O = 1.8 V, Acceleration = 0 g, unless otherwise noted.
Table 1. Specifications1
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User Selectable
±2, 4, 8, 16
g
Nonlinearity
Percentage of full scale
±0.5
%
Inter-Axis Alignment Error
±0.1
Degrees
Cross-Axis Sensitivity2
±1
%
OUTPUT RESOLUTION
Each axis
All g-ranges
10-bit mode
10
Bits
±2 g range
Full-Resolution
10
Bits
±4 g range
Full-Resolution
11
Bits
±8 g range
Full-Resolution
12
Bits
±16 g range
Full-Resolution
13
Bits
SENSITIVITY
Each axis
Sensitivity at XOUT, YOUT, ZOUT
VS = 2.5 V, ±2 g 10-bit or Full-Resolution
232
256
286
LSB/g
Scale Factor at XOUT, YOUT, ZOUT
VS = 2.5 V, ±2 g 10-bit or Full-Resolution
3.5
3.9
4.3
mg/LSB
Sensitivity at XOUT, YOUT, ZOUT
VS = 2.5 V, ±4 g 10-bit mode
116
128
143
LSB/g
Scale Factor at XOUT, YOUT, ZOUT
VS = 2.5 V, ±4 g 10-bit mode
7.0
7.8
8.6
mg/LSB
Sensitivity at XOUT, YOUT, ZOUT
VS = 2.5 V, ±8 g 10-bit mode
58
64
71
LSB/g
Scale Factor at XOUT, YOUT, ZOUT
VS = 2.5 V, ±8 g 10-bit mode
14.0
15.6
17.2
mg/LSB
Sensitivity at XOUT, YOUT, ZOUT
VS = 2.5 V, ±16 g 10-bit mode
29
32
36
LSB/g
Scale Factor at XOUT, YOUT, ZOUT
VS = 2.5 V, ±16 g 10-bit mode
28.1
31.2
34.3
mg/LSB
Sensitivity Change due to Temperature
±0.02
%/°C
0 g BIAS LEVEL
Each axis
0 g Output (XOUT, YOUT, ZOUT)
VS = 2.5 V, TA = 25°C
-150
0
+150
mg
0 g Offset vs. Temperature
<±1
mg/°C
NOISE PERFORMANCE
Noise (x-, y-axes)
Data Rate = 100 Hz, ±2 g 10-bit or Full-Res.
<1
LSB RMS
Noise (z-axis)
Data Rate = 100 Hz, ±2 g 10-bit or Full-Res.
<1.5
LSB RMS
OUTPUT DATA RATE / BANDWIDTH
User Selectable
Measurement Rate3
0.1
3200
Hz
SELF TEST
Output Change X
+0.31
+1.02
g
Output Change Y
-0.31
-1.02
g
Output Change Z
+0.46
+1.64
g
POWER SUPPLY
Operating Voltage Range (VS)
2.0
2.5
3.6
V
Interface Voltage Range (VDD I/O)
1.7
1.8
VS
V
Supply Current
Data Rate > 100 Hz
130
150
µA
Supply Current
Data Rate < 10 Hz
25
µA
Standby Mode Leakage Current
0.1
2
µA
Turn-On Time4
Data Rate = 3200 Hz
1.4
ms
TEMPERATURE
Operating Temperature Range
−40
85
°C
WEIGHT
Device Weight
20
mgrams
1 All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
2 Cross-axis sensitivity is defined as coupling between any two axes.
3 Bandwidth is half the output data rate.
4 Turn-on and wake-up times are determined by the user defined bandwidth. At 100 Hz data rate the turn-on/wake-up time is approximately 11.1 ms. For additional
data rates the turn-on/wake-up time is approximately τ + 1.1 in milliseconds, where τ is 1/(Data Rate).


Numéro de pièce similaire - ADXL345

FabricantNo de pièceFiches techniqueDescription
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
Analog Devices
ADXL345-EP AD-ADXL345-EP Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

Description similaire - ADXL345

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24