Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34716 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34716 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34716
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CHANNEL 1 BUCK CONVERTER (PVIN1, SW1, PGND1, BOOT1, INV1, COMP1, ILIM1)
Switching Node (SW1) Rise Time(21)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tRISE1
-
8.0
-
ns
Switching Node (SW1) Fall Time(21)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tFALL1
-
5.0
-
ns
Minimum OFF Time
tOFFMIN
-
150
-
ns
Minimum ON Time
tONMIN
-
0(22)
-
ns
Soft Start Duration (Normal Mode)
ILIM1: 1.25 to 1.49 V
1.5 to 1.81 V
1.82 to 2.13 V
2.14 to 2.5 V
tSS1
-
-
-
-
3.2
1.6
0.8
0.4
-
-
-
-
ms
Over-current Limit Timer
tLIM1
-
10
-
ms
Over-current Limit Retry Timeout Period
tTIMEOUT1
80
-
120
ms
Output Under-voltage/Over-voltage Filter Delay Timer
tFILTER1
5.0
-
25
µs
CHANNEL 2 BUCK CONVERTER (PVIN2, SW2, PGND2, BOOT2, INV2, COMP2)
Switching Node (SW2) Rise Time(21)
(PVIN = 3.3 V, IOUT2 = ±3.0 A)
tRISE2
-
28
-
ns
Switching Node (SW2) Fall Time(21)
(PVIN = 3.3 V, IOUT2 = ±3.0 A)
tFALL2
-
12.0
-
ns
Minimum OFF Time
tOFFMIN
-
150
-
ns
Minimum ON Time
tONMIN
-
100
-
ns
Soft Start Duration (Normal Mode)
tSS2
-
1.6
-
ms
Over-current Limit Timer
tLIM2
-
10
-
ms
Over-current Limit Retry Timeout Period
tTIMEOUT2
80
-
120
ms
Output Under-voltage/Over-voltage Filter Delay Timer
tFILTER2
5.0
-
25
µs
OSCILLATOR (FREQ)(23)
Oscillator Default Switching Frequency
(FREQ = GND)
fSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
fSW
200
-
1000
kHz
Notes
21.
Design information only, this parameter is not production tested.
22.
The regulator has the ability to enter into pulse skip mode when the inductor current ripple reaches the threshold for the LS zero detect,
which has a typical value of 500 mA.
23.
Oscillator Frequency tolerance is ±10%.


Numéro de pièce similaire - MC34716

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34716EP FREESCALE-MC34716EP Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
MC34716EPR2 FREESCALE-MC34716EPR2 Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
More results

Description similaire - MC34716

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
34716 FREESCALE-34716 Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com