Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9522-4 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9522-4
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9522-4 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9522-4 Datasheet HTML 7Page - Analog Devices AD9522-4 Datasheet HTML 8Page - Analog Devices AD9522-4 Datasheet HTML 9Page - Analog Devices AD9522-4 Datasheet HTML 10Page - Analog Devices AD9522-4 Datasheet HTML 11Page - Analog Devices AD9522-4 Datasheet HTML 12Page - Analog Devices AD9522-4 Datasheet HTML 13Page - Analog Devices AD9522-4 Datasheet HTML 14Page - Analog Devices AD9522-4 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
AD9522-4
Rev. 0 | Page 11 of 84
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO)
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using an
external 245.76 MHz VCXO (Toyocom TCO-2112);
reference = 15.36 MHz; R DIV = 1
LVDS = 245.76 MHz; PLL LBW = 125 Hz
87
fs rms
Integration BW = 200 kHz to 5 MHz
108
fs rms
Integration BW = 200 kHz to 10 MHz
146
fs rms
Integration BW = 12 kHz to 20 MHz
LVDS = 122.88 MHz; PLL LBW = 125 Hz
120
fs rms
Integration BW = 200 kHz to 5 MHz
151
fs rms
Integration BW = 200 kHz to 10 MHz
207
fs rms
Integration BW = 12 kHz to 20 MHz
LVDS = 61.44 MHz; PLL LBW = 125 Hz
157
fs rms
Integration BW = 200 kHz to 5 MHz
210
fs rms
Integration BW = 200 kHz to 10 MHz
295
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER NOT USED)
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and
VCO; measured at rising edge of clock signal
CLK = 622.08 MHz
69
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVDS Output = 622.08 MHz
Divide Ratio = 1
CLK = 622.08 MHz
116
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVDS Output = 155.52 MHz
Divide Ratio = 4
CLK = 100 MHz
263
fs rms
Calculated from SNR of ADC method
Any LVDS Output = 100 MHz
Broadband jitter
Divide Ratio = 1
CLK = 500 MHz
242
fs rms
Calculated from SNR of ADC method
Any LVDS Output = 100 MHz
Broadband jitter
Divide Ratio = 5
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and VCO
CLK = 200 MHz
289
fs rms
Calculated from SNR of ADC method
Any CMOS Output Pair = 100 MHz
Broadband jitter
Divide Ratio = 2


Numéro de pièce similaire - AD9522-4

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator
AD9522-0/PCBZ AD-AD9522-0/PCBZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0BCPZ AD-AD9522-0BCPZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0BCPZ AD-AD9522-0BCPZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator
More results

Description similaire - AD9522-4

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-1 AD-AD9522-1 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
REV. 0
AD9522-1 AD-AD9522-1_15 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
AD9522-2 AD-AD9522-2 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9522-2 AD-AD9522-2_15 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-3 AD-AD9522-3 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
REV. 0
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com