Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9239BCPZ-250 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9239BCPZ-250
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9239BCPZ-250 Fiches technique(HTML) 5 Page - Analog Devices

  AD9239BCPZ-250 Datasheet HTML 1Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9239
Rev. 0 | Page 5 of
40
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 3.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK–)
Logic Compliance
Full
LVPECL/LVDS/CMOS
LVPECL/LVDS/CMOS
LVPECL/LVDS/CMOS
Differential Input Voltage
Full
0.2
6
0.2
6
0.2
6
V p-p
Input Voltage Range
Full
AVDD −
0.3
AVDD +
1.6
AVDD −
0.3
AVDD +
1.6
AVDD −
0.3
AVDD +
1.6
V
Internal Common-Mode Bias
Full
1.2
1.2
1.2
V
Input Common-Mode Voltage
Full
1.1
AVDD
1.1
AVDD
1.1
AVDD
V
High Level Input Voltage (VIH)
Full
1.2
3.6
1.2
3.6
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
0
0.8
0
0.8
V
High Level Input Current (IIH)
Full
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current (IIL)
Full
−10
+10
−10
+10
−10
+10
μA
Differential Input Resistance
25°C
16
20
24
16
20
24
16
20
24
Input Capacitance
25°C
4
4
4
pF
LOGIC INPUTS (PDWN, CSB, SDI/
SDIO, SCLK, RESET, PGMx)2
Logic 1 Voltage
Full
0.8 ×
AVDD
0.8 ×
AVDD
0.8 ×
AVDD
V
Logic 0 Voltage
Full
0.2 ×
AVDD
0.2 ×
AVDD
0.2 ×
AVDD
V
Logic 1 Input Current (CSB)
Full
0
0
0
μA
Logic 0 Input Current (CSB)
Full
−60
−60
−60
μA
Logic 1 Input Current
(SCLK, PDWN, SDI/SDIO,
RESET, PGMx)
Full
55
55
55
μA
Logic 0 Input Current
(SCLK, PDWN, SDI/SDIO,
RESET, PGMx)
Full
0
0
0
μA
Input Resistance
25°C
30
30
30
Input Capacitance
25°C
4
4
4
pF
LOGIC OUTPUTS (SDO)
Logic 1 Voltage
Full
1.2
AVDD +
0.3
1.2
AVDD +
0.3
1.2
AVDD +
0.3
V
Logic 0 Voltage
Full
0
0.3
0
0.3
0
0.3
V
DIGITAL OUTPUTS
(DOUT + x, DOUT − x)
Logic Compliance
Current
mode
logic
Current
mode
logic
Current
mode
logic
Differential Output Voltage
Full
0.8
0.8
0.8
V
Common-Mode Level
Full
DRVDD/2
DRVDD/2
DRVDD/2
V
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2 Specified for 13 SDI/SDIO pins sharing the same connection.


Numéro de pièce similaire - AD9239BCPZ-250

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
More results

Description similaire - AD9239BCPZ-250

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com