Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5764RBSUZ-REEL7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5764RBSUZ-REEL7
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5764RBSUZ-REEL7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5764RBSUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5764R
Rev. 0 | Page 7 of 32
TIMING CHARACTERISTICS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t54
13
ns min
24th SCLK falling edge to SYNC rising edge
t6
40
ns min
Minimum SYNC high time
t7
2
ns min
Data setup time
t8
5
ns min
Data hold time
t9
1.7
μs min
SYNC rising edge to LDAC falling edge (all DACs updated)
480
ns min
SYNC rising edge to LDAC falling edge (single DAC updated)
t10
10
ns min
LDAC pulse width low
t11
500
ns max
LDAC falling edge to DAC output response time
t12
10
μs max
DAC output settling time
t13
10
ns min
CLR pulse width low
t14
2
μs max
CLR pulse activation time
t155, 6
25
ns max
SCLK rising edge to SDO valid
t16
13
ns min
SYNC rising edge to SCLK falling edge
t17
2
μs max
SYNC rising edge to DAC output response time (LDAC = 0)
t18
170
ns min
LDAC falling edge to SYNC rising edge
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 Standalone mode only.
5 Measured with the load circuit of Figure 5.
6 Daisy-chain mode only.


Numéro de pièce similaire - AD5764RBSUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5764RBSUZ-REEL7 AD-AD5764RBSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Description similaire - AD5764RBSUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com