Moteur de recherche de fiches techniques de composants électroniques |
|
TS3V912 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
TS3V912 Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 11 page ELECTRICAL CHARACTERISTICS VCC + =3V, VCC- =0V, RL,CL connectedto VCC/2, Tamb =25oC (unless otherwise specified) Symbol Parameter TS3V912I/AI/BI Unit Min. Typ. Max. Vio Input Offset Voltage (Vic =Vo =VCC/2) TS3V912 TS3V912A TS3V912B Tmin. ≤ Tamb ≤ Tmax. TS3V912 TS3V912A TS3V912B 10 5 2 12 7 3 mV DVio Input Offset Voltage Drift 5 µV/oC Iio Input Offset Current - (note 1) Tmin. ≤ Tamb ≤ Tmax. 1 100 200 pA Iib Input Bias Current - (note 1) Tmin. ≤ Tamb ≤ Tmax. 1 150 300 pA ICC Supply Current (per amplifier, AVCL = 1, no load) Tmin. ≤ Tamb ≤ Tmax. 200 300 400 µA CMR Common Mode Rejection Ratio Vic = 0 to 3V, Vo = 1.5V 70 dB SVR Supply Voltage Rejection Ratio (VCC + = 2.7 to 3.3V, VO =VCC /2) 50 80 dB Avd Large Signal Voltage Gain (RL = 10k Ω,VO = 1.2V to 1.8V) Tmin. ≤ Tamb ≤ Tmax. 3 2 10 V/mV VOH High Level Output Voltage (Vid = 1V) RL = 100k Ω RL = 10k Ω RL = 600 Ω RL = 100 Ω Tmin. ≤ Tamb ≤ Tmax. RL = 10k Ω RL = 600 Ω 2.95 2.9 2.3 2.8 2.1 2.96 2.6 2 V VOL Low Level Output Voltage (Vid = -1V) RL = 100k Ω RL = 10k Ω RL = 600 Ω RL = 100 Ω Tmin. ≤ Tamb ≤ Tmax. RL = 10k Ω RL = 600 Ω 30 300 900 50 70 400 100 600 mV Io Output Short Circuit Current (Vid = ±1V) Source (Vo =VCC − ) Sink (Vo =VCC +) 20 20 40 40 mA GBP Gain Bandwidth Product (AVCL = 100, RL = 10k Ω,CL = 100pF, f = 100kHz) 0.8 MHz SR + Slew Rate (AVCL =1, RL = 10k Ω,CL = 100pF, Vi = 1.3V to 1.7V) 0.4 V/ µs SR - Slew Rate (AVCL =1, RL = 10k Ω,CL = 100pF, Vi = 1.3V to 1.7V) 0.3 V/ µs ∅m Phase Margin 30 Degrees en Equivalent Input Noise Voltage (Rs = 100 Ω, f = 1kHz) 30 nV √ Hz VO1/VO2 Channel Separation (f = 1kHz) 120 dB Note 1 : Maximum values including unavoidable inaccuracies of the industrial test. TS3V912 3/11 |
Numéro de pièce similaire - TS3V912 |
|
Description similaire - TS3V912 |