Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3V912 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TS3V912
Description  3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V912 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TS3V912 Datasheet HTML 3Page - STMicroelectronics TS3V912 Datasheet HTML 4Page - STMicroelectronics TS3V912 Datasheet HTML 5Page - STMicroelectronics TS3V912 Datasheet HTML 6Page - STMicroelectronics TS3V912 Datasheet HTML 7Page - STMicroelectronics TS3V912 Datasheet HTML 8Page - STMicroelectronics TS3V912 Datasheet HTML 9Page - STMicroelectronics TS3V912 Datasheet HTML 10Page - STMicroelectronics TS3V912 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
TS3V912
10/11


Numéro de pièce similaire - TS3V912

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
TS3V914AI STMICROELECTRONICS-TS3V914AI Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
TS3V914I STMICROELECTRONICS-TS3V914I Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
More results

Description similaire - TS3V912

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com