Moteur de recherche de fiches techniques de composants électroniques |
|
FP2001681000K Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
FP2001681000K Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 3 page FP 200, 201, 202 Vishay Thin Film Hermetic Flat-Pak Resistor Networks www.vishay.com For technical questions, contact: thin-film@vishay.com Document Number: 61073 46 Revision: 05-Mar-08 PACKAGE OUTLINE DRAWING AND DIMENSIONS A D C S E E 1 b k S 1 e Q FLAT-PAK FP200 DIMENSIONS in inches 14 LEAD 16 LEAD MINIMUM MAXIMUM MINIMUM MAXIMUM A 0.086 0.106 0.045 0.115 b 0.015 0.019 0.015 0.019 C 0.004 0.007 0.003 0.009 D 0.373 0.383 - 0.440 e 0.047 0.053 0.050 BSC E 0.250 0.260 0.245 0.285 E1 - 0.290 - 0.315 E2 0.158 0.172 0.130 - E3 0.030 - 0.030 - L - - 0.250 0.370 Q 0.026 - 0.26 0.045 S - 0.045 - 0.045 S1 0.005 - 0.005 - K - - 0.008 0.015 DIMENSIONS in millimeters 14 LEAD 16 LEAD MINIMUM MAXIMUM MINIMUM MAXIMUM A 2.18 2.69 1.14 2.92 b 0.38 0.48 0.38 0.48 C 0.10 0.18 0.08 0.23 D 9.47 9.73 - 11.18 e 1.19 1.35 1.27 BSC E 6.35 6.60 6.22 7.24 E1 - 7.37 - 8.00 E2 4.01 4.37 3.30 - E3 0.76 - 0.76 - L - - 6.35 9.40 Q 0.66 - 0.66 1.14 S - 1.14 - 1.14 S1 0.13 - 0.13 - K - - 0.20 0.38 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: FP2001681001BFBCW (preferred part number format) GLOBAL MODEL CASE SIZE NUMBER OF RESISTORS (1 or 2 digits) OHMIC VALUE ABSOLUTE TOLERANCE RATIO TOLERANCE ABSOLUTE TCR RATIO TCR PACKAGING FP200 FP201 FP202 14 16 14 16 14 16 7 8 12 14 13 16 The first 3 digits are significant figures and the last digit speci- fies the num- ber of zeros to follow. “R” des- ignates the decimal point. Example: 10R0 = 10 Ω 1000 = 100 Ω 1001 = 1000 Ω A = 0.05 % B = 0.1 % C = 0.2 % D = 0.5 % F = 1 % G = 2 % J = 5 % K = 10 % M = 20 % B = 0.01 % C = 0.025 % D = 0.05 % F = 0.1 % H = 0.25 % J = 0.5 % K = 1 % X = Not applicable A = 10 ppm/°C B = 25 ppm/°C D = 50 ppm/°C E = 100 ppm/°C *C = 2 ppm *D = 3 ppm F = 5 ppm G = 10 ppm X = N/A * Value dependant W = WAFFLE 100 min. 1 mult Historical Part Number example: FP2001681002BFBC (will continue to be accepted) FP200 16 8 1002 B F B C MODEL NUMBER OF LEADS NUMBER OF RESISTORS RESISTANCE ABSOLUTE TOLERANCE RATIO TOLERANCE ABSOLUTE TCR RATIO TCR 1 613 001 1 2 FB C B W 20 FP 1 6 8 001 1 0 FB C B W 20 FP |
Numéro de pièce similaire - FP2001681000K |
|
Description similaire - FP2001681000K |