Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST780C06L2PBF Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce ST780C06L2PBF
Description  Phase Control Thyristors (Hockey PUK Version), 1350 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST780C06L2PBF Fiches technique(HTML) 5 Page - Vishay Siliconix

  ST780C06L2PBF Datasheet HTML 1Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 2Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 3Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 4Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 5Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 6Page - Vishay Siliconix ST780C06L2PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94415
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST780CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 1350 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
10000
12000
14000
16000
18000
20000
22000
110
100
Numb er Of Eq ua l Amp litud e Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST780C..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
10000
12000
14000
16000
18000
20000
22000
24000
26000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST780C..L Series
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
100
1000
10000
0.5
1
1.5
2
2.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST780C..L Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.073 K/ W
(Single Side Cooled)
R
= 0.031 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST780C..L Series


Numéro de pièce similaire - ST780C06L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST780C..L VISHAY-ST780C..L Datasheet
167Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
ST780CLPBF VISHAY-ST780CLPBF_12 Datasheet
167Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
More results

Description similaire - ST780C06L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST780CL VISHAY-VS-ST780CL_V01 Datasheet
211Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
01-Jan-2022
ST780CLPBF VISHAY-ST780CLPBF_12 Datasheet
167Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com