Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST380CH06C0PBF Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce ST380CH06C0PBF
Description  Phase Control Thyristors (Hockey PUK Version), 960 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST380CH06C0PBF Fiches technique(HTML) 1 Page - Vishay Siliconix

  ST380CH06C0PBF Datasheet HTML 1Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 2Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 3Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 4Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 5Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 6Page - Vishay Siliconix ST380CH06C0PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94411
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Hockey PUK Version), 960 A
ST380CHPbF Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case TO-200AB (E-PUK)
• Extended temperature range
• Low profile hockey PUK to increase current-carrying
capability
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
960 A
TO-200AB (E-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
960
A
Ths
80
°C
IT(RMS)
2220
A
Ths
25
°C
ITSM
50 Hz
12 500
A
60 Hz
13 000
I2t
50 Hz
782
kA2s
60 Hz
713
VDRM/VRRM
400 to 600
V
tq
Typical
100
µs
TJ
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST380CH..C
04
400
500
100
06
600
700


Numéro de pièce similaire - ST380CH06C0PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST380CH06C0PBF IRF-ST380CH06C0PBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Description similaire - ST380CH06C0PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST380CH VISHAY-VS-ST380CH_V01 Datasheet
218Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
ST380CPBF VISHAY-ST380CPBF_12 Datasheet
217Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
ST380CHPBF VISHAY-ST380CHPBF_12 Datasheet
216Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
ST380CPBF VISHAY-ST380CPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
VS-ST380C VISHAY-VS-ST380C_V01 Datasheet
221Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com