Moteur de recherche de fiches techniques de composants électroniques |
|
TEA6415CD Fiches technique(PDF) 2 Page - STMicroelectronics |
|
TEA6415CD Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 10 page 919 18 1 7 16 15 1 4 13 12 1 3 5 6 8 10 11 20 27 4 BUS DECODER DATA GND CLOCK V CC TTX LUMA CHROMA P OWER PIP MAC DEC. GND CVBS (AM TUNER) MAC S IGNAL (AMTUNER) CVBS (FM TUNER) MAC S IGNAL (FM TUNER) S YNCHRO (TTX/BTX) PERI TV1 PER I TV2 CVBS (P ER I P LUG2) PROG CVBS (P ER I P LUG1) CVBS (MAC/DEC) T E A 6 4 1 5 C BLOCK DIAGRAM The main function of the IC is to switch 8 video input sources on 6 outputs. Each output can be switched on only one of each input. On each input an alignment of the lowest level of the signal is made (bottom of synch. top for CVBS or black level for RGB signals). Each nominal gain between any input and output is 6.5dB. For D2MAC or Chroma signal the align- ment is switched off by forcing, with an external resistor bridge, 5 VDC on the input. Each input can be used as a normal input or as a MAC or Chroma input (with external resistor bridge). All the switch- ing possibilities are changed through the BUS. Driving 75 Ω load needs an external transistor. It is possible to have the same input connected to several outputs. The starting configuration upon power on (power supply : 0 to 10V) is undetermined. In this case, 6 words of 16 bits are necessary to determine one configuration. In other case, 1 word of 16 bits is necessary to determine one configura- tion. GENERAL DESCRIPTION TEA6415C 2/10 |
Numéro de pièce similaire - TEA6415CD |
|
Description similaire - TEA6415CD |