Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST083S12PFN1PBF Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce ST083S12PFN1PBF
Description  Inverter Grade Thyristors (Stud Version), 85 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST083S12PFN1PBF Fiches technique(HTML) 8 Page - Vishay Siliconix

  ST083S12PFN1PBF Datasheet HTML 1Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 2Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 3Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 4Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 5Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 6Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 7Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 8Page - Vishay Siliconix ST083S12PFN1PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94334
8
Revision: 25-Jul-08
ST083SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 85 A
ORDERING INFORMATION TABLE
1
- Thyristor
2
- Essential part number
3 - 3 = Fast turn-off
4
- S = Compression bonding stud
5
- Voltage code x 100 = VRRM (see Voltage Ratings table)
6 - P = Stud base 1/2"-20UNF-2A threads
7 - Reapplied dV/dt code (for tq test condition)
8 -tq code
9 - 0 = Eyelet terminals (gate and aux. cathode leads)
1 = Fast-on terminals (gate and aux. cathode leads)
- PbF = Lead (Pb)-free
dV/dt - tq combinations available
dV/dt (V/µs)
tq (µs)
10
up to 800V
only for
1000/1200 V
10
200
FN
FK
20
20
tq (µs)
FK
Device code
5
1
3
24
67
8
9
10
ST
08
3
S
12
P
F
N
0
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95003


Numéro de pièce similaire - ST083S12PFN1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST083S12PFN1 IRF-ST083S12PFN1 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Description similaire - ST083S12PFN1PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
VS-ST083SP VISHAY-VS-ST083SP_V01 Datasheet
199Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com