Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA2261 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TEA2261
Description  SWITCH MODE POWER SUPPLY CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2261 Fiches technique(HTML) 4 Page - STMicroelectronics

  TEA2261 Datasheet HTML 1Page - STMicroelectronics TEA2261 Datasheet HTML 2Page - STMicroelectronics TEA2261 Datasheet HTML 3Page - STMicroelectronics TEA2261 Datasheet HTML 4Page - STMicroelectronics TEA2261 Datasheet HTML 5Page - STMicroelectronics TEA2261 Datasheet HTML 6Page - STMicroelectronics TEA2261 Datasheet HTML 7Page - STMicroelectronics TEA2261 Datasheet HTML 8Page - STMicroelectronics TEA2261 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply
VCC stop
12
VCC max
V
IOUT+
Positive Output Current (source current)
1.2
A
IOUT-
Negative Output Current (sink current)
2.0
A
IOUT+
Average Positive Output Current
0.6
A
IOUT-
Average Negative Output Current
0.6
A
Foper
Operating Frequency
10
100
kHz
VIN
Input Pulses Amplitude (Pin 2)
1.5
2.5
4.5
V
ROSC
Oscillator Resistor Range
20
150
k
COSC
Oscillator Capacitor Range
0.47
4.7
nF
C1
Soft-starting Capacitor Range
0.047
1
µF
C2
Overload Integration Capacitor
0.047
1
µF
C2/C1
Ratio C2/C1 (C2 must be
≥ C1)
1
Tamb
Operating Ambient Temperature
-20
70
oC
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC, VCC =12V, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
POWER SUPPLY
VCC(start)
Starting Voltage (VCC increasing)
9.3
10.3
11.3
V
VCC(stop)
Stopping Voltage (VCC decreasing)
6.4
7.4
8.4
V
Hyst VCC
Hysteresis (VCC(start) - VCC(Stop))
2.4
2.9
V
ICC(start)
Starting Current (VCC = 9V)
0.7
1.4
mA
ICC
Supply Current (VCC = 12V)
7.5
15
mA
VCC(max)
Overvoltage Threshold on VCC
15
15.7
V
ICC(over)
Supply Current after Overvoltage Detection (VCC = 17V)
26
35
42
mA
OSCILLATOR / PWM SECTION
Delta F
F
Accuracy (ROSC = 68k
Ω, COSC = 1nF)
10
%
tON max
Maximum Duty Cycle in Primary Regulation Mode
50
60
70
%
ERROR AMPLIFIER SECTION
AVO
Open Loop Gain
75
dB
Fug
Unity Gain Frequency
550
kHz
ISC
Short Circuit Output Current (Pin 7 connected to ground)
2
mA
IBE
E Input Bias Current (Pin 6)
0.08
µA
VREF
Internal Voltage Reference (connected to error amplifier input and
not directly accessible)
2.34
2.49
2.64
V
INPUT SECTION
VIN
IN Input Threshold (Pin 2)
0.6
0.85
1.2
V
VIS
IS Input Threshold (Pin 1)
0.15
V
IBIN
IN Input Bias Current
0.3
µA
IBIS
IS Input Bias Current
0.4
µA
CURRENT LIMITATION SECTION
VIM1
First Current Limitation Threshold
558
600
642
mV
VIM2
Second Current Limitation Threshold
837
900
963
mV
∆VIM
Thresholds Difference VIM2 - VIM1
300
mV
VC2
Lock-out Threshold on Pin C2
2.25
2.55
2.85
V
IDC2
Capacitor C2 Discharge Current
10
µA
ICC2
Capacitor C2 Charge Current
45
µA
IBI(max)
Maximum Input Bias Current (Pin 3)
0.2
µA
TEA2260 - TEA2261
4/9


Numéro de pièce similaire - TEA2261

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA2261 STMICROELECTRONICS-TEA2261 Datasheet
118Kb / 11P
   SWITCH MODE POWER SUPPLY CONTROLLER
October 2003
TEA2261/0 STMICROELECTRONICS-TEA2261/0 Datasheet
118Kb / 11P
   SWITCH MODE POWER SUPPLY CONTROLLER
October 2003
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
   SWITCH MODE POWER SUPPLY CONTROLLER
October 2003
More results

Description similaire - TEA2261

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
   SWITCH MODE POWER SUPPLY CONTROLLER
October 2003
TEA2262 STMICROELECTRONICS-TEA2262 Datasheet
90Kb / 9P
   SWITCH MODE POWER SUPPLY CONTROLLER
April 1996
STV4614C STMICROELECTRONICS-STV4614C Datasheet
816Kb / 10P
   SWITCH MODE POWER SUPPLY CONTROLLER
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com