Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSMDS20GS-7RSK030 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce CSMDS20GS-7RSK030
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSMDS20GS-7RSK030 Fiches technique(HTML) 1 Page - Vishay Siliconix

  CSMDS20GS-7RSK030 Datasheet HTML 1Page - Vishay Siliconix CSMDS20GS-7RSK030 Datasheet HTML 2Page - Vishay Siliconix CSMDS20GS-7RSK030 Datasheet HTML 3Page - Vishay Siliconix CSMDS20GS-7RSK030 Datasheet HTML 4Page - Vishay Siliconix CSMDS20GS-7RSK030 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rack and Panel Connectors
Subminiature Rectangular
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36010
1
Revision: 15-Feb-07
SM20
Vishay Dale
FEATURES
• Lightweight.
• Polarized by guides or screwlocks.
• Screwlocks lock connectors together to withstand vibration
and accidental disconnect.
• Overall height kept to a minimum.
• Floating contacts aid in alignment and in withstanding
vibration.
• Contacts, precision machined and individually gauged,
provide high reliability.
• Insertion and withdrawal forces kept low without increasing
contact resistance.
• Contact plating provides protection against corrosion,
assures low contact resistance and ease of soldering.
SMP20
SMS20
ELECTRICAL SPECIFICATIONS
Current Rating: 7.5 amps.
Breakdown Voltage:
At sea level: 2000 V RMS.
At 70,000 feet [21,336 meters]: 500 V RMS.
PHYSICAL SPECIFICATIONS
Number of Contacts: 5, 7, 11, 14, 20, 26, 34, 42, 50, 75.
Contact Spacing: .120" [3.05mm].
Contact Gauge: #20 AWG.
Minimum Creepage Path Between Contacts:
.080" [2.03mm].
Minimum Air Space Between Contacts: .050" [1.27mm].
APPLICATIONS
For use wherever space is at a premium and a high quality
connector
is
required
in
avionics,
automation,
communications,
controls,
instrumentation,
missiles,
computers and guidance systems.
MATERIAL SPECIFICATIONS
Contact Pin: Brass, gold plated.
Contact Socket: Phosphor bronze, gold plated.
(Beryllium copper available on request.)
Guides: Stainless steel, passivated.
Screwlocks: Stainless steel, passivated.
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model GDI-30F, green.
DIMENSIONS in inches [millimeters]
SMS
With Turnable (SK) Screwlocks
SMP
With Turnable (SK) Screwlocks
SMDP - DETAIL C
Dip Solder Contact Option
SMP
With Fixed Standard Guides
SMS
With Fixed Standard Guides
SMS
With Fixed (SL) Screwlocks
SMP
With Fixed (SL) Screwlocks
.120
[3.05]
.220
[5.59]
.530
[13.46]
SMDS - DETAIL B
Dip Solder Contact Option
.220
[5.59]
.156 [3.96]
Typ.
See
Detail B
.470
[11.94]
.190 [4.83]
Typ.
2-56 UNC-2A
Threads Typ.
.040
± .001
[1.02
± .025]
Dia. Typ.
.030
[.762]
Typ.
.187
[4.75]
Typ.
.141
[3.58]
Typ.
.187
[4.75]
Typ.
.030
[.762]
Typ.
.040 [1.02]
Dia. Typ.
.220
[5.59]
.120
[3.05]
See
Detail C
.046 [1.17]
Dia. Solder Cup
#20 AWG Typ.
.141 [3.58]
Typ.
.530
[13.46]
.910
[23.11]
.220
[5.59]
.046 [1.17]
Wide x
.062 [1.57]
Deep Typ.
.110
[2.79]
2-56 UNC-2A
Thread is
standard
.110
[2.79]
2-56 UNC-2A
Thread is
standard
.520
[13.21]
.220
[5.59]
.920
[23.37]
.220
[5.59]
.120
[3.05]


Numéro de pièce similaire - CSMDS20GS-7RSK030

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
logo
Ohmite Mfg. Co.
CSM OHMITE-CSM Datasheet
411Kb / 2P
   Board Mount Heat Sink For TO-220 Devices
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
   Molded Metal Plate Sensing Resistor
8/17/2022
logo
All Sensors Corporation
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results

Description similaire - CSMDS20GS-7RSK030

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com