Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3D227 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce TP3D227
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3D227 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button TP3D227 Datasheet HTML 4Page - Vishay Siliconix TP3D227 Datasheet HTML 5Page - Vishay Siliconix TP3D227 Datasheet HTML 6Page - Vishay Siliconix TP3D227 Datasheet HTML 7Page - Vishay Siliconix TP3D227 Datasheet HTML 8Page - Vishay Siliconix TP3D227 Datasheet HTML 9Page - Vishay Siliconix TP3D227 Datasheet HTML 10Page - Vishay Siliconix TP3D227 Datasheet HTML 11Page - Vishay Siliconix TP3D227 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40116
60
Revision: 04-Jun-08
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
15
B
TP3B156(1)020(2)2300AS
3.0
6
2.300
0.19
15
B
TP3B156(1)020(2)1000AS
3.0
6
1.000
0.29
15
C
TP3C156(1)020(2)1500AS
3.0
6
1.500
0.27
15
C
TP3C156(1)020(2)0400AS
3.0
6
0.400
0.52
15
D
TP3D156(1)020(2)0900AS
3.0
6
0.900
0.41
15
D
TP3D156(1)020(2)0300AS
3.0
6
0.300
0.71
22
C
TP3C226(1)020(2)1100AS
4.4
6
1.100
0.32
22
C
TP3C226(1)020(2)0375AS
4.4
6
0.375
0.54
22
D
TP3D226(1)020(2)0700AS
4.4
6
0.700
0.46
22
D
TP3D226(1)020(2)0225AS
4.4
6
0.225
0.82
33
C
TP3C336(1)020(2)1000AS
6.6
6
1.000
0.33
33
C
TP3C336(1)020(2)0350AS
6.6
6
0.350
0.56
33
D
TP3D336(1)020(2)0700AS
6.6
6
0.700
0.46
33
D
TP3D336(1)020(2)0200AS
6.6
6
0.200
0.87
47
D
TP3D476(1)020(2)0700AS
9.4
6
0.700
0.46
47
D
TP3D476(1)020(2)0200AS
9.4
6
0.200
0.87
47
D
TP3D476(1)020(2)0150AS
9.4
6
0.150
1.00
47
E
TP3E476(1)020(2)0600AS
9.4
6
0.600
0.52
47
E
TP3E476(1)020(2)0150AS
9.4
6
0.150
1.05
68
D
TP3D686(1)020(2)0700AS
13.6
6
0.700
0.46
68
D
TP3D686(1)020(2)0175AS
13.6
6
0.175
0.93
68
E
TP3E686(1)020(2)0600AS
13.6
6
0.600
0.52
68
E
TP3E686(1)020(2)0150AS
13.6
6
0.150
1.05
100
E
TP3E107(1)020(2)0500AS
20.0
8
0.500
0.57
100
E
TP3E107(1)020(2)0150AS
20.0
8
0.150
1.05
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
0.47
A
TP3A474(1)025(2)12R0AS
0.5
4
12.000
0.08
0.47
A
TP3A474(1)025(2)9000AS
0.5
4
9.000
0.09
0.68
A
TP3A684(1)025(2)8400AS
0.5
4
8.400
0.09
0.68
B
TP3B684(1)025(2)7000AS
0.5
4
7.000
0.11
0.68
B
TP3B684(1)025(2)5000AS
0.5
4
5.000
0.13
1.0
A
TP3A105(1)025(2)7600AS
0.5
4
7.600
0.10
1.0
A
TP3A105(1)025(2)4000AS
0.5
4
4.000
0.14
1.0
B
TP3B105(1)025(2)5000AS
0.5
4
5.000
0.13
1.0
B
TP3B105(1)025(2)2000AS
0.5
4
2.000
0.21
1.5
A
TP3A155(1)025(2)6700AS
0.5
6
6.700
0.11
1.5
A
TP3A155(1)025(2)4000AS
0.5
6
4.000
0.14
1.5
B
TP3B155(1)025(2)4600AS
0.5
6
4.600
0.14
1.5
B
TP3B155(1)025(2)2000AS
0.5
6
2.000
0.21
2.2
A
TP3A225(1)025(2)6300AS
0.6
6
6.300
0.11
2.2
A
TP3A225(1)025(2)4000AS
0.6
6
4.000
0.14
2.2
B
TP3A225(1)025(2)4000AS
0.6
6
3.800
0.15
2.2
B
TP3A225(1)025(2)1500AS
0.6
6
1.500
0.24
3.3
B
TP3B335(1)025(2)3100AS
0.8
6
3.100
0.17
3.3
B
TP3B335(1)025(2)1500AS
0.8
6
1.500
0.24
3.3
C
TP3C335(1)025(2)2300AS
0.8
6
2.300
0.22
3.3
C
TP3C335(1)025(2)1000AS
0.8
6
1.000
0.33
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Numéro de pièce similaire - TP3D227

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TP3D227K010C0100AS VISHAY-TP3D227K010C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0125AS VISHAY-TP3D227K010C0125AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0600AS VISHAY-TP3D227K010C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0100AS VISHAY-TP3D227K6R3C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0600AS VISHAY-TP3D227K6R3C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Description similaire - TP3D227

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com