Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1230C12K0P Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce ST1230C12K0P
Description  Phase Control Thyristors (Hockey PUK Version), 1745 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1230C12K0P Fiches technique(HTML) 3 Page - Vishay Siliconix

  ST1230C12K0P Datasheet HTML 1Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 2Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 3Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 4Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 5Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 6Page - Vishay Siliconix ST1230C12K0P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94395
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
3
ST1230C..KP Series
Phase Control Thyristors
(Hockey PUK Version), 1745 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
16
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
3
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
200
-
mA
TJ = 25 °C
100
200
TJ = 125 °C
50
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
1.4
-
V
TJ = 25 °C
1.1
3.0
TJ = 125 °C
0.9
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/
voltage not to trigger is the
maximum value which will not
trigger any unit with rated VDRM
anode to cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.042
K/W
DC operation double side cooled
0.021
Maximum thermal resistance,
case to heatsink
RthC-hs
DC operation single side cooled
0.006
DC operation double side cooled
0.003
Mounting force, ± 10 %
24 500
(2500)
N
(kg)
Approximate weight
425
g
Case style
See dimensions - link at the end of datasheet
A-24 (K-PUK)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL
CONDUCTION
RECTANGULAR
CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.003
0.003
0.002
0.002
TJ = TJ maximum
K/W
120°
0.004
0.004
0.004
0.004
90°
0.005
0.005
0.005
0.005
60°
0.007
0.007
0.007
0.007
30°
0.012
0.012
0.012
0.012


Numéro de pièce similaire - ST1230C12K0P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST1230C12K0 VISHAY-ST1230C12K0 Datasheet
215Kb / 9P
   Phase Control Thyristors
Revision: 16-Dec-13
ST1230C12K0L VISHAY-ST1230C12K0L Datasheet
215Kb / 9P
   Phase Control Thyristors
Revision: 16-Dec-13
More results

Description similaire - ST1230C12K0P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST1230CK VISHAY-VS-ST1230CK Datasheet
196Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 27-Sep-17
VS-ST1230CK VISHAY-VS-ST1230CK_V01 Datasheet
194Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
01-Jan-2022
ST1230C..KP VISHAY-ST1230C..KP Datasheet
139Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
VS-ST1230C..K VISHAY-VS-ST1230C..K Datasheet
193Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com