Moteur de recherche de fiches techniques de composants électroniques |
|
TDE1747FP Fiches technique(PDF) 4 Page - STMicroelectronics |
|
TDE1747FP Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 11 page ELECTRICAL CHARACTERISTICS Tj = – 25 to +85 °C, VCC = 8 to 45 V, unless otherwise specified (note 1). Symbol Parameter Min. Typ. Max. Unit VIO Input Offset Voltage - (note 2) – 2 50 mV IIB Input Bias Current – 0.1 1.5 mA ICC Supply Current (VCC = + 24 V, IO =0) High Level Low Level – – 4 2 6 4 mA mA VI(max) Common-mode Input Voltage Range 2 – VCC–2 V ISC Short-circuit Current Limit (Tamb =+ 25 °C, VCC = + 24) RSC = 1.5 Ω TDE1747 RSC = ∞ – – 480 35 – 50 mA mA VCC–VO Output Saturation Voltage (output high) (RSC =0, VI+–VI– ≥ 50 mV) IO = 300 mA, Tj =+25 °C Tj = + 150 °C – – 1.15 1.05 1.4 1.3 V V IOL Low Level Output Current (VO =0, VCC =+24 V) Tj =+25 °C – 0.01 10 µA Notes : 1) For operating at high temperature, the TDE/TDF1747, must be derated based on a + 150 C maximum junction temperature and a junction-ambient thermal resistance of 120 °C/W for Minidip and 100 °C/W for the SO14. 2) The offset voltage given is the maximum value of input voltage required to drive the output voltage within 2 V of the ground or the supply voltage. Figure 1: Available Output Current vs. Limiting Resistor Figure 2: Peak Short-circuit Output Current vs. Limiting Resistor TDE1747 - TDF1747 4/11 |
Numéro de pièce similaire - TDE1747FP |
|
Description similaire - TDE1747FP |