Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ110A Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SMBJ110A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ110A Fiches technique(HTML) 5 Page - Vishay Siliconix

  SMBJ110A Datasheet HTML 1Page - Vishay Siliconix SMBJ110A Datasheet HTML 2Page - Vishay Siliconix SMBJ110A Datasheet HTML 3Page - Vishay Siliconix SMBJ110A Datasheet HTML 4Page - Vishay Siliconix SMBJ110A Datasheet HTML 5Page - Vishay Siliconix SMBJ110A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
Document Number: 88392
Revision: 04-Sep-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
100
1.0
10
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Peak Forward Surge Current
10
200
100
100
10
1
8.3 ms Single Half Sine-Wave
Uni-Directional Only
Number of Cycles at 60 Hz
DO-214AA (SMB-J-Bend)
Mounting Pad Layout
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.205 (5.21)
0.220 (5.59)
0 (0)
0.008 (0.2)
0.130 (3.30)
0.155 (3.94)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
Cathode Band
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.


Numéro de pièce similaire - SMBJ110A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMBJ110A JGD-SMBJ110A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ110A DIGITRON-SMBJ110A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Micro Commercial Compon...
SMBJ110A MCC-SMBJ110A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ110A BILIN-SMBJ110A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Weitron Technology
SMBJ110A WEITRON-SMBJ110A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMBJ110A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com