Moteur de recherche de fiches techniques de composants électroniques |
|
CSMDP20GS-14R027 Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
CSMDP20GS-14R027 Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 5 page SM20 Vishay Dale Document Number: 36010 For technical questions, contact: connectors@vishay.com www.vishay.com Revision: 15-Feb-07 4 PANEL CUTOUT in inches [millimeters] NUMBER OF CONTACTS AB CD FIGURE 5 .230 [5.84] .531 [13.49] .410 [10.41] — I 7 .230 [5.84] .625 [15.88] .500 [12.70] — 11 .340 [8.64] .625 [15.88] .530 [13.46] — 14 .340 [8.64] .750 [19.05] .620 [15.75] — 20 .340 [8.64] 1.0 [25.40] .910 [23.11] — 26 .340 [8.64] 1.25 [31.75] 1.16 [29.46] — 34 .500 [12.70] 1.312 [33.32] 1.16 [29.46] .343 [8.71] II 42 .500 [12.70] 1.562 [39.68] 1.41 [35.81] .343 [8.71] 50 .500 [12.70] 1.812 [46.02] 1.66 [42.16] .343 [8.71] 75 .720 [18.29] 1.812 [46.02] 1.66 [42.16] .562 [14.28] III ORDERING INFORMATION *To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation. - EXAMPLES: SMBS20-26SK035 = Female, 26 beryllium copper socket contacts with socket head knobs on turnable screwlocks for #20 AWG wiring. SMP20-14SL3 = Male, 14 contact pins, fixed screwlocks with 3-48 threads for #20 AWG wiring. B CONTACT TYPE (OPTIONAL) B = Beryllium copper, socket contacts (Solder cup). D = Dip solder contacts. C CONTACTS (OPTIONAL) Closed entry socket contacts only. Omit for standard contacts. 027* HARDWARE OPTIONS (Omit if no hardware desired) 027 = Slotted cres guides .090" [2.29mm] diameter. SK = Turnable screwlocks with 2-56 threads. SK3 = Turnable screwlocks with 3-48 threads. SL = Fixed screwlocks with 2-56 threads. SL3 = Fixed screwlocks with 3-48 threads. SK030 = Turnable screwlocks with short slotted knobs. SK035 = Turnable screwlocks with socket head knobs. SK3030 = Turnable screwlocks with short slotted knobs with 3-48 threads. SK3035 = Turnable screwlocks with socket head knobs with 3-48 threads. 20 CONTACT SIZE #20 AWG S CONTACT STYLE P = Pin S = Socket SM MODEL Subminiature R (OPTIONAL) (OPTIONAL) R = Reversed guides or screwlocks. Omit for standard. 5, 7, 11, 14, 20, 26, 34, 42, 50, 75 26 NUMBER OF CONTACTS G PLATING Optional plating available: G= Gold (.00003 thick) over nickel. G5= Gold (.00005 thick) over nickel. Omit designator for gold (.00001 thick) over nickel. – FIGURE I .093 [2.36] Dia. Typ. D B C A A D .312 [7.93] B C A B .093 [2.36] C .093 [2.36] Dia. Typ. .218 [5.54] FIGURE III .093 [2.36] FIGURE II |
Numéro de pièce similaire - CSMDP20GS-14R027 |
|
Description similaire - CSMDP20GS-14R027 |