Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD263C40S50L Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SD263C40S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 375 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD263C40S50L Fiches technique(HTML) 4 Page - Vishay Siliconix

  SD263C40S50L Datasheet HTML 1Page - Vishay Siliconix SD263C40S50L Datasheet HTML 2Page - Vishay Siliconix SD263C40S50L Datasheet HTML 3Page - Vishay Siliconix SD263C40S50L Datasheet HTML 4Page - Vishay Siliconix SD263C40S50L Datasheet HTML 5Page - Vishay Siliconix SD263C40S50L Datasheet HTML 6Page - Vishay Siliconix SD263C40S50L Datasheet HTML 7Page - Vishay Siliconix SD263C40S50L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93173
4
Revision: 14-May-08
SD263C..S50L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 375 A
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristic
0
200
400
600
800
1000
1200
1400
1600
0
100
200
3 00
400
500
180°
120°
90 °
60 °
30 °
Average Forward Current (A)
RM S Lim it
Co n d uc tio n An gle
SD26 3C..S5 0L Series
T = 125°C
J
0
25 0
50 0
75 0
100 0
125 0
150 0
175 0
200 0
225 0
0
1 0 0 2 0 0 3 00 40 0 5 0 0 60 0 7 00 80 0
DC
180 °
120 °
90 °
60 °
30 °
A v e rag e Fo rw ar d C u rre n t ( A )
RM S L im it
Co nd uctio n Pe rio d
S D 26 3C ..S 5 0L Se rie s
T = 1 2 5° C
J
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
55 0 0
0
0
1
0
1
1
N um b er O f E q ua l A m p litud e H a lf C ycle C urren t Pulses (N )
SD 2 6 3 C ..S5 0 L Se rie s
In it ia l T = 1 2 5 °C
@ 60 H z 0 .0 0 83 s
@ 50 H z 0 .0 1 00 s
J
At An y R a t e d L o a d C o n d itio n An d W ith
5 0 % R a te d V
A p p lie d F o llo w in g S u rg e
RRM
1000
2000
3000
4000
5000
6000
0.01
0.1
1
Pulse Train Duration (s)
S D 2 6 3 C .. S5 0L Se rie s
Ve rsu s P ulse Tr ain D ura tio n .
In itial T = 1 2 5°C
5 0 % R at e d V
Re ap plie d
RR M
M a xim u m N o n R e pe tit iv e Su rg e C u rre n t
N o V o lt ag e R e a pp lie d
J
10 0
1000
1000 0
1
2
34
56
78
T = 25°C
J
Instantan eous Forw ard Voltage (V )
T = 125°C
J
SD26 3C..S5 0L Series
0. 00 1
0. 0 1
0. 1
1
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
Sq u a r e W a v e P u lse D u rat io n ( s)
St e a d y St a t e V alu e
R
= 0 . 1 1 K/ W
(S in gle Sid e C o o le d )
R
= 0 . 0 5 K/ W
( D o u b le S id e C o oled )
(D C O p e ra t io n )
th J- hs
th J- hs
S D 263C . . S50L Se ries


Numéro de pièce similaire - SD263C40S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD263C40S50L VISHAY-SD263C40S50L Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Description similaire - SD263C40S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L_12 Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 04-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com