Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M61508FP Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce M61508FP
Description  The Electric Volume of Built-in Non Fader Volume with Tone
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61508FP Fiches technique(HTML) 6 Page - Renesas Technology Corp

Back Button M61508FP Datasheet HTML 2Page - Renesas Technology Corp M61508FP Datasheet HTML 3Page - Renesas Technology Corp M61508FP Datasheet HTML 4Page - Renesas Technology Corp M61508FP Datasheet HTML 5Page - Renesas Technology Corp M61508FP Datasheet HTML 6Page - Renesas Technology Corp M61508FP Datasheet HTML 7Page - Renesas Technology Corp M61508FP Datasheet HTML 8Page - Renesas Technology Corp M61508FP Datasheet HTML 9Page - Renesas Technology Corp M61508FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
M61508FP
REJ03F0203-0201 Rev.2.01 Mar 31, 2008
Page 6 of 24
Electrical Characteristics
(Ta = 25
°C, V
CC = 8 V, VDD = 5 V, Input Gain/Volume/Tone/fader = 0 dB, Loudness = OFF, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
40
mA
No signal setting
Pass gain
Gv
–2
0
+2
dB
Volume maximum
Attenuation quantity
ATT (VOL)
–90
–80
dB
Vi = 1 Vrms, f = 1 kHz
ATT (VOL) = –
∞ dB
Crosstalk between Channels
ΔA
TT (VOL)
–2
0
+2
dB
ATT (VOL) = 0 dB
Maximum input voltage
VIM
1.8
Vrms
f = 1 kHz, DIN-AUDIO
THD = 1%
Boost quantity (Bass)
G (Bass) B
13
16
19
dB
f = 100 Hz
Cut quantity (Bass)
G (Bass) C
–15
–12
–9
dB
f = 100 Hz
Boost quantity (Mid)
G (MID) B
9
12
15
dB
f = 1 kHz
Cut quantity (Mid)
G (MID) C
–15
–12
–9
dB
f = 1 kHz
Boost quantity (Treble)
G (Tre) B
9
12
15
dB
f = 10 kHz
Cut quantity (Treble)
G (Tre) C
–15
–12
–9
dB
f = 10 kHz
Fader maximum attenuation
quantity
ATT (FED)
–90
–80
dB
Vi = 1 Vrms, f = 1 kHz, DIN-AUDIO
ATT (FED) = –
∞ dB
Maximum input voltage
VOM
1.8
Vrms
f = 1 kHz, DIN-AUDIO
THD = 1%
Vno 1
12
Rg = 0, DIN-AUDIO
Vno 2
5
Bypass setting
Rg = 0, DIN-AUDIO
Output noise voltage
Vno 3
3.5
μVrms
ATT (VOL) = –
∞ dB
Rg = 0, DIN-AUDIO
Total harmonic distortion
THD
0.01
0.05
%
f = 1 kHz, V0 = 0.5 Vrms
BW : 400 Hz to 30 kHz
Channel separation
CS
–90
–75
dB
f = 1 kHz, DIN-AUDIO
Input selector crosstalk
CT
–75
–60
dB
f = 1 kHz, DIN-AUDIO
Loudness voltage gain
Gv (LOUD)
10
13
16
dB
Loudness ON, f = 100 Hz
VOL1 = –30 dB, VOL2 = 0 dB
LOUD_VOL = –20 dB
Input gain control
Gv (GAIN)
15.75
18.75
21.75
dB
Gv (GAIN) = +18.75 dB
Common mode rejection
ratio
CMRR
50
dB
2, 3 pin/34, 35 pin
Common mode signal input setting


Numéro de pièce similaire - M61508FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
More results

Description similaire - M61508FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61509FP RENESAS-M61509FP Datasheet
170Kb / 14P
   QXpander built-in, Tone control, Volume control
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62435FP MITSUBISHI-M62435FP Datasheet
96Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62435FP RENESAS-M62435FP Datasheet
141Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62440FP MITSUBISHI-M62440FP Datasheet
94Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62447SP MITSUBISHI-M62447SP Datasheet
77Kb / 12P
   6CH ELECTRIC VOLUME
logo
Renesas Technology Corp
M62440FP RENESAS-M62440FP Datasheet
155Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com