Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10PH10-E3/87A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SS10PH10-E3/87A
Description  High Current Density Surface Mount High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10PH10-E3/87A Fiches technique(HTML) 2 Page - Vishay Siliconix

  SS10PH10-E3/87A Datasheet HTML 1Page - Vishay Siliconix SS10PH10-E3/87A Datasheet HTML 2Page - Vishay Siliconix SS10PH10-E3/87A Datasheet HTML 3Page - Vishay Siliconix SS10PH10-E3/87A Datasheet HTML 4Page - Vishay Siliconix SS10PH10-E3/87A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SS10PH9 & SS10PH10
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89000
Revision: 30-Jul-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Units mounted on recommended P.C.B. 1 oz. pad layout
Note:
(1) High reliability/automotive grade (AEC-Q101 qualified)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 5 A
IF = 10 A
TA = 25 °C
VF
0.725
0.800
-
0.88
V
IF = 5 A
IF = 10 A
TA = 125 °C
0.581
0.661
-
0.74
Reverse current (2)
rated VR
TA = 25 °C
TA = 125 °C
IR
0.3
0.3
10
3
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
270
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS10PH9
SS10PH10
UNIT
Typical thermal resistance
RθJA
(1)
RθJL
60
3
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS10PH10-E3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS10PH10-E3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS10PH10HE3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS10PH10HE3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
SS10PH10-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS10PH10-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS10PH10HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS10PH10HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Numéro de pièce similaire - SS10PH10-E3/87A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS10PH10-E3/87A VISHAY-SS10PH10-E3/87A Datasheet
90Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
24-Jul-06
More results

Description similaire - SS10PH10-E3/87A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS10PH9 VISHAY-SS10PH9 Datasheet
90Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
24-Jul-06
SS8PH9 VISHAY-SS8PH9_V01 Datasheet
109Kb / 5P
   High Current Density Surface-Mount High Voltage Schottky Rectifier
01-Jan-2022
SS8PH9 VISHAY-SS8PH9_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifier
Revision: 28-Jun-11
SS8PH9 VISHAY-SS8PH9 Datasheet
112Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com