Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40-04-V-GS08 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BAS40-04-V-GS08
Description  Small Signal Schottky Diodes, Single & Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS40-04-V-GS08 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BAS40-04-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAS40-04-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAS40-04-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAS40-04-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAS40-04-V-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85701
Rev. 1.7, 27-Sep-06
BAS40-00-V to BAS40-06-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Layout for RthJA test
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
5001)
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 125
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 10 μA (pulsed)
V(BR)
40
V
Leakage current
Pulse test VR = 30 V, tp < 300 µs
IR
20
100
nA
Forward voltage
Pulse test tp < 300 µs,
IF = 1.0 mA
VF
380
mV
Pulse test tp < 300 µs,
IF = 40 mA
VF
1000
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
4.0
5
pF
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA,
RL = 100 Ω
trr
5ns
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


Numéro de pièce similaire - BAS40-04-V-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS40-04-V VISHAY-BAS40-04-V Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-04-V VISHAY-BAS40-04-V Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-04-V VISHAY-BAS40-04-V Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
More results

Description similaire - BAS40-04-V-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAT54 VISHAY-BAT54 Datasheet
115Kb / 5P
   Small Signal Schottky Diodes, Single Dual
Rev. 1.6, 24-Nov-04
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAT54-V VISHAY-BAT54-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com