Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAL7300 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce TSAL7300
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL7300 Fiches technique(HTML) 1 Page - Vishay Siliconix

  TSAL7300 Datasheet HTML 1Page - Vishay Siliconix TSAL7300 Datasheet HTML 2Page - Vishay Siliconix TSAL7300 Datasheet HTML 3Page - Vishay Siliconix TSAL7300 Datasheet HTML 4Page - Vishay Siliconix TSAL7300 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81013
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.5, 04-Sep-08
119
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm,
GaAlAs/GaAs
TSAL7300
Vishay Semiconductors
DESCRIPTION
TSAL7300 is an infrared, 940 nm emitting diode in
GaAlAs/GaAs technology with high radiant power molded in
a clear, untinted plastic package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm):
∅ 5
• Peak wavelength:
λ
p = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Lead
(Pb)-free
component
in
accordance
with
RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS
• Infrared remote control units with high power requirements
• Free air transmission systems
• Infrared source for optical counters and card readers
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
94 8389
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
P (nm)
tr (ns)
TSAL7300
45
± 22
940
800
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSAL7300
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
1.5
A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm soldered
on PCB
RthJA
230
K/W


Numéro de pièce similaire - TSAL7300

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.6, 29-Jun-09
TSAL7300 VISHAY-TSAL7300 Datasheet
101Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
TSAL7300 VISHAY-TSAL7300_09 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.6, 29-Jun-09
TSAL7300 VISHAY-TSAL7300_V01 Datasheet
101Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
More results

Description similaire - TSAL7300

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSML1000 VISHAY-TSML1000_11 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSAL4400 VISHAY-TSAL4400_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com