Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAL4400 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TSAL4400
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TSAL4400 Datasheet HTML 1Page - Vishay Siliconix TSAL4400 Datasheet HTML 2Page - Vishay Siliconix TSAL4400 Datasheet HTML 3Page - Vishay Siliconix TSAL4400 Datasheet HTML 4Page - Vishay Siliconix TSAL4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 81006
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.6, 16-Sep-08
87
TSAL4400
High Power Infrared Emitting Diode, RoHS
Compliant, 940 nm, GaAlAs/GaAs
Vishay Semiconductors
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
0
20
40
60
80
100
120
140
160
180
010
20
30
40
50
60
70
80
90
100
21317
T
amb - Ambient Temperature (°C)
R
thJA = 300 K/W
0
20
40
60
80
100
120
0
10
203040
506070
80
90 100
T
amb - Ambient Temperature (°C)
21318
R
thJA = 300 K/W
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.35
1.6
V
IF = 1 A, tp = 100 µs
VF
2.6
3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
25
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
16
30
80
mW/sr
IF = 1 A, tp = 100 µs
Ie
135
240
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φ
e
35
mW
Temperature coefficient of
φ
e
IF = 20 mA
TK
φ
e
- 0.6
%/K
Angle of half intensity
ϕ
± 25
deg
Peak wavelength
IF = 100 mA
λ
p
940
nm
Spectral bandwidth
IF = 100 mA
Δλ
50
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise time
IF = 100 mA
tr
800
ns
Fall time
IF = 100 mA
tf
800
ns
Virtual source diameter
Method: 63 % encircled energy
d
1.9
mm


Numéro de pièce similaire - TSAL4400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Description similaire - TSAL4400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSML1000 VISHAY-TSML1000_11 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com