Moteur de recherche de fiches techniques de composants électroniques |
|
SI5938DU Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SI5938DU Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 7 page www.vishay.com 2 Document Number: 73463 S-81449-Rev. B, 23-Jun-08 Vishay Siliconix Si5938DU Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA 20 V VDS Temperature Coefficient ΔV DS/TJ ID = 250 µA 17.4 mV/°C VGS(th) Temperature Coefficient ΔV GS(th)/TJ - 2.6 Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 µA 0.4 1.0 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 8 V ± 100 ns Zero Gate Voltage Drain Current IDSS VDS = 20 V, VGS = 0 V - 1 µA VDS = 20 V, VGS = 0 V, TJ = 55 °C - 10 On-State Drain Currenta ID(on) VDS ≤ 5 V, VGS = 4.5 V - 20 A Drain-Source On-State Resistancea RDS(on) VGS = 4.5 V, ID = 4.4 A 0.032 0.039 Ω VGS = 2.5 V, ID = 4.1 A 0.037 0.045 VGS = 1.8 V, ID = 1.8 A 0.0455 0.055 Forward Transconductancea gfs VDS = 10 V, ID = 4.4 A 22 S Dynamicb Input Capacitance Ciss VDS = 10 V, VGS = 0 V, f = 1 MHz 520 pF Output Capacitance Coss 100 Reverse Transfer Capacitance Crss 60 Total Gate Charge Qg VDS = 10 V, VGS = 8 V, ID = 4.4 A 10.5 16 nC VDS = 10 V, VGS = 4.5 V, ID = 4.4 A 69 Gate-Source Charge Qgs 0.91 Gate-Drain Charge Qgd 0.7 Gate Resistance Rg f = 1 MHz 1.9 Ω Turn-On Delay Time td(on) VDD = 10 V, RL = 2.8 Ω ID ≅ 3.6 A, VGEN = 4.5 V, Rg = 1 Ω 20 30 ns Rise Time tr 65 100 Turn-Off Delay Time td(off) 40 60 Fall Time tf 10 15 Turn-On Delay Time td(on) VDD = 10 V, RL = 2.8 Ω ID ≅ 3.6 A, VGEN = 8 V, Rg = 1 Ω 510 Rise Time tr 12 20 Turn-Off Delay Time td(off) 26 40 Fall Time tf 815 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C 14.8 A Pulse Diode Forward Current ISM 20 Body Diode Voltage VSD IS = 1.2 A, VGS = 0 V 0.8 1.2 V Body Diode Reverse Recovery Time trr IF = 1.2 A, dI/dt = 100 A/µs, TJ = 25 °C 45 70 ns Body Diode Reverse Recovery Charge Qrr 21 32 nC Reverse Recovery Fall Time ta 29 ns Reverse Recovery Rise Time tb 16 |
Numéro de pièce similaire - SI5938DU |
|
Description similaire - SI5938DU |