Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5933CDC-T1-E3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI5933CDC-T1-E3
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5933CDC-T1-E3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI5933CDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5933CDC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68822
S-81731-Rev. A, 04-Aug-08
Vishay Siliconix
Si5933CDC
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 19
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 70 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 2.5 A
0.120
0.144
Ω
VGS = - 2.5 V, ID = - 2.2 A
0.150
0.180
VGS = - 1.8 V, ID = - 2.0 A
0.185
0.222
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 2.5 A
18
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
276
pF
Output Capacitance
Coss
60
Reverse Transfer Capacitance
Crss
43
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 5 V, ID = - 2.5 A
4.5
6.8
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 2.5 A
4.1
6.2
Gate-Source Charge
Qgs
0.6
Gate-Drain Charge
Qgd
1.0
Gate Resistance
Rg
f = 1 MHz
1.1
5.5
11
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 5.0 Ω
ID ≅ - 2.0 A, VGEN = - 4.5 V, Rg = 1 Ω
11
17
ns
Rise Time
tr
34
51
Turn-Off Delay Time
td(off)
22
33
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 5.0 Ω
ID ≅ - 2.0 A, VGEN = - 5 V, Rg = 1 Ω
510
Rise Time
tr
14
21
Turn-Off Delay Time
td(off)
17
26
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.3
A
Pulse Diode Forward Current
ISM
- 10
Body Diode Voltage
VSD
IS = - 2.0 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 2.0 A, dI/dt = - 100 A/µs, TJ = 25 °C
23
35
ns
Body Diode Reverse Recovery Charge
Qrr
13
20
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
13


Numéro de pièce similaire - SI5933CDC-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5933CDC VISHAY-SI5933CDC Datasheet
252Kb / 11P
   Dual P-Channel 20 V (D-S) MOSFET
08-Feb-17
SI5933CDC VISHAY-SI5933CDC_V01 Datasheet
252Kb / 11P
   Dual P-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI5933CDC-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com