Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3865BDV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3865BDV
Description  Load Switch with Level-Shift
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3865BDV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3865BDV Datasheet HTML 1Page - Vishay Siliconix SI3865BDV Datasheet HTML 2Page - Vishay Siliconix SI3865BDV Datasheet HTML 3Page - Vishay Siliconix SI3865BDV Datasheet HTML 4Page - Vishay Siliconix SI3865BDV Datasheet HTML 5Page - Vishay Siliconix SI3865BDV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.8-V Rated
Si3865BDV
Vishay Siliconix
New Product
Document Number: 72848
S-41170—Rev. B, 14-Jun-04
www.vishay.com
1
Load Switch with Level-Shift
PRODUCT SUMMARY
VDS2 (V)
rDS(on) (W)
ID (A)
0.060 @ VIN = 4.5 V
2.9
1.8 to 8
0.100 @ VIN = 2.5 V
2.2
0.175 @ VIN = 1.8 V
1.7
FEATURES
D 60-mW Low rDS(on) TrenchFETr
D 1.8 to 8-V Input
D 1.5 to 8-V Logic Level Control
D Low Profile, Small Footprint TSOP-6 Package
D 3000-V ESD Protection On Input Switch, VON/OFF
D Adjustable Slew-Rate
DESCRIPTION
The Si3865BDV includes a p- and n-channel MOSFET in a
single TSOP-6 package. The low on-resistance p-channel
TrenchFETR is tailored for use as a load switch. The
n-channel, with an external resistor, can be used as a
level-shift to drive the p-channel load-switch. The n-channel
MOSFET has internal ESD protection and can be driven by
logic signals as low as 1.5-V. The Si3865BDV operates on
supply lines from 1.8 to 8-V, and can drive loads up to 2.9 A.
APPLICATION CIRCUITS
Switching Variation
R2 @ VIN = 2.5 V, R1 = 20 kW
0
8
16
24
32
40
02468
R2 (kW)
IL = 1 A
VON/OFF = 3 V
Ci = 10 mF
Co = 1 mF
tr
td(on)
td(off)
tf
Note: For R2 switching variations with other VIN/R1
combinations See Typical Characteristics
VOUT
GND
LOAD
VIN
ON/OFF
R2
R2
1
2, 3
C1
6
4
6
5
R1
Q1
Q2
Si3865BDV
Co
Ci
COMPONENTS
R1
Pull-Up Resistor
Typical 10 kW to 1 mW*
R2
Optional Slew-Rate Control
Typical 0 to 100 kW*
C1
Optional Slew-Rate Control
Typical 1000 pF
*Minimum R1 value should be at least 10 x R2 to ensure Q1 turn-on.
The Si3865BDV is ideally suited for high-side load switching
in portable applications. The integrated n-channel level-shift
device saves space by reducing external components. The
slew rate is set externally so that rise-times can be tailored to
different load types.


Numéro de pièce similaire - SI3865BDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
111Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
SI3865BDV VISHAY-SI3865BDV_10 Datasheet
207Kb / 10P
   Load Switch with Level-Shift
Rev. D, 20-Sep-10
SI3865BDV_RC VISHAY-SI3865BDV_RC Datasheet
84Kb / 3P
   R-C Thermal Model Parameters
Revision: 07-May-07
SI3865BDV VISHAY-SI3865BDV_V01 Datasheet
111Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
More results

Description similaire - SI3865BDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com