Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3473CDV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3473CDV
Description  P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3473CDV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3473CDV Datasheet HTML 1Page - Vishay Siliconix SI3473CDV Datasheet HTML 2Page - Vishay Siliconix SI3473CDV Datasheet HTML 3Page - Vishay Siliconix SI3473CDV Datasheet HTML 4Page - Vishay Siliconix SI3473CDV Datasheet HTML 5Page - Vishay Siliconix SI3473CDV Datasheet HTML 6Page - Vishay Siliconix SI3473CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3473CDV
Document Number: 69947
S-80796-Rev. B, 14-Apr-08
www.vishay.com
1
New Product
P-Channel 12-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
PWM Optimized
APPLICATIONS
Load Switch
PA Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 12
0.022 at VGS = - 4.5 V
- 8
26 nC
0.028 at VGS = - 2.5 V
- 8
0.036 at VGS = - 1.8 V
- 8
(4) S
(3) G
(1, 2, 5, 6) D
TSOP-6
Top View
6
4
1
2
3
5
Ordering Information: Si3473CDV-T1-E3 (Lead (Pb)-free)
P-Channel MOSFET
3 mm
2.85 mm
Marking Code
AR
XXX
Lot Traceability
and Date Code
Part # Code
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 8a
A
TC = 70 °C
- 8a
TA = 25 °C
- 8a, b, c
TA = 70 °C
- 6.5b, c
Pulsed Drain Current
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 3.5
TA = 25 °C
- 1.67b, c
Maximum Power Dissipation
TC = 25 °C
PD
4.2
W
TC = 70 °C
2.7
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
55
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
RoHS
COMPLIANT


Numéro de pièce similaire - SI3473CDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3473CDV VISHAY-SI3473CDV Datasheet
241Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3473CDV-T1-E3 VISHAY-SI3473CDV-T1-E3 Datasheet
247Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3473CDV-T1-GE3 VISHAY-SI3473CDV-T1-GE3 Datasheet
247Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3473CDV-T1-GE3 VBSEMI-SI3473CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3473CDV VISHAY-SI3473CDV_V01 Datasheet
241Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI3473CDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com