Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2309DS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2309DS
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2309DS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2309DS Datasheet HTML 1Page - Vishay Siliconix SI2309DS Datasheet HTML 2Page - Vishay Siliconix SI2309DS Datasheet HTML 3Page - Vishay Siliconix SI2309DS Datasheet HTML 4Page - Vishay Siliconix SI2309DS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si2309DS
Document Number: 70835
S-72216-Rev. C, 22-Oct-07
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
- 60
0.340 at VGS = - 10 V
- 1.25
0.550 at VGS = - 4.5 V
- 1
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2309DS (A9)*
* Marking Code
Ordering Information: Si2309DS-T1
Si2309DS-T1-E3 (Lead (Pb)-free)
Notes:
a. Surface Mounted on FR4 Board.
b. t
≤ 5 s.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 1.25
A
TA = 70 °C
- 0.85
Pulsed Drain Current
IDM
- 8
Avalanche Current
L = 0.1 mH
IAS
- 5
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
W
TA = 70 °C
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
100
°C/W
Steady State
130
166
Maximum Junction-to-Leada
Steady State
RthJL
45
60
Available
Pb-free
RoHS*
COMPLIANT


Numéro de pièce similaire - SI2309DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2309DS VISHAY-SI2309DS Datasheet
41Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
SI2309DS KEXIN-SI2309DS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2309DS-3 KEXIN-SI2309DS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2309DS-HF KEXIN-SI2309DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2309DS-HF-3 KEXIN-SI2309DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Description similaire - SI2309DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com