Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7496L Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDA7496L
Description  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496L Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TDA7496L Datasheet HTML 2Page - STMicroelectronics TDA7496L Datasheet HTML 3Page - STMicroelectronics TDA7496L Datasheet HTML 4Page - STMicroelectronics TDA7496L Datasheet HTML 5Page - STMicroelectronics TDA7496L Datasheet HTML 6Page - STMicroelectronics TDA7496L Datasheet HTML 7Page - STMicroelectronics TDA7496L Datasheet HTML 8Page - STMicroelectronics TDA7496L Datasheet HTML 9Page - STMicroelectronics TDA7496L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
16
18
20
22
24
26
28
30
32
34
Iq (mA)
Vi=0
Quiescent current vs. Supply Voltage
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Vodc (V)
Vi=0
Output DC Voltage vs. Supply Voltage
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
100
120
140
160
180
200
220
240
260
280
300
Vodc-Vsvr (V)
Vi=0
Output DC Offset vs. Supply Voltage
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Ouput Power (W)
THD=10 %
THD=1 %
Rl=8 Ohm
F= 1 KHz
Output Power vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
0.01
0.1
1
10
Distortion (%)
Rl=8 Ohm
Vs=12V
F=15 KHz
F=1 KHz
Distortion vs. Output Power
0.02
0.2
2
20
Frequency (KHz)
20
21
22
23
24
25
26
27
28
29
30
31
32
Closed Loop Gain (dB)
Rl=8 Ohm
Pout=0.5W
Cin=470nF
Cout =1000uF
Csvr=470 uF
Closed Loop gain vs. Frequency
TDA7496L
6/10


Numéro de pièce similaire - TDA7496L

FabricantNo de pièceFiches techniqueDescription
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TDA7496L

FabricantNo de pièceFiches techniqueDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com