Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1051X Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI1051X
Description  P-Channel 8-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1051X Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI1051X Datasheet HTML 1Page - Vishay Siliconix SI1051X Datasheet HTML 2Page - Vishay Siliconix SI1051X Datasheet HTML 3Page - Vishay Siliconix SI1051X Datasheet HTML 4Page - Vishay Siliconix SI1051X Datasheet HTML 5Page - Vishay Siliconix SI1051X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 74479
S-80641-Rev. B, 24-Mar-08
www.vishay.com
5
Vishay Siliconix
Si1051X
New Product
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74479.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.0001
0.001
0.01
0.1
10-3
10-2
1
10
100
1000
10-1
10-4
Square Wave Pulse Duration (s)
1
Single Pulse
0.02
0.05
0.1
0.2
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 540 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Numéro de pièce similaire - SI1051X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1050X TFUNK-SI1050X Datasheet
152Kb / 8P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
154Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1051X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com