Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1026X-T1-E3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1026X-T1-E3
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1026X-T1-E3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1026X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1026X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1026X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1026X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1026X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71434
S-80643-Rev. C, 24-Mar-08
Vishay Siliconix
Si1026X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. For DESIGN AID ONLY,, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 µA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
1
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 150
nA
VDS = 0 V, VGS = ± 5 V
± 50
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS = 10 V, VGS = 4.5 V
500
mA
VDS = 7.5 V, VGS = 10 V
800
Drain-Source On-Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
3.0
Ω
VGS = 10 V, ID = 500 mA
1.40
VGS = 10 V, ID = 500 mA, TJ = 125 °C
2.50
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
200
mS
Diode Forward Voltagea
VSD
VGS = 0 V, IS = 200 mA
1.40
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, ID = 250 mA, VGS = 4.5 V
600
pC
Gate-Source Charge
Qgs
120
Gate-Drain Charge
Qgd
225
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V,
f = 1 MHz
30
pF
Output Capacitance
Coss
6
Reverse Transfer Capacitance
Crss
3
Switchingb, c
Turn-On Time
t(on)
VDD = 30 V, RL = 150 Ω
ID = 200 mA, VGEN = 10 V, RG = 10 Ω
15
ns
Turn-Off Time
t(off)
20


Numéro de pièce similaire - SI1026X-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1026X VISHAY-SI1026X Datasheet
39Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 23-Apr-01
SI1026X VISHAY-SI1026X Datasheet
117Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 25-Oct-10
SI1026X VISHAY-SI1026X Datasheet
147Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1026X VISHAY-SI1026X_10 Datasheet
117Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 25-Oct-10
More results

Description similaire - SI1026X-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com