Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-128G128A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce LCD-128G128A
Description  128 x 128 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128G128A Fiches technique(HTML) 2 Page - Vishay Siliconix

  LCD-128G128A Datasheet HTML 1Page - Vishay Siliconix LCD-128G128A Datasheet HTML 2Page - Vishay Siliconix LCD-128G128A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37276
Revision 01-Oct-02
www.vishay.com
104
LCD-128G128A
Vishay
For Technical Questions, Contact: Displays@Vishay.com
128 x 128 Dots Graphic LCD
PIN NUMBER
SYMBOL
FUNCTION
1
FGND
Frame Ground
2
GND
Power Supply (GND)
3
Vdd
Power Supply (+ 5V)
4
Vo
Contrast Adjustment
5
WR
Data Write
6
RD
Data Read
7
CE
Chip Enable
8
C/D
Command/Data Select
9
NC
No Connection
10
RST
Reset Signal
11
DB0
Data Bus Line
12
DB1
Data Bus Line
13
DB2
Data Bus Line
14
DB3
Data Bus Line
15
DB4
Data Bus Line
16
DB5
Data Bus Line
17
DB6
Data Bus Line
18
DB7
Data Bus Line
19
FS
Font Selection
20
NC/Vee
NC/Negative Voltage Output
21
A
Power Supply for LED B/L (+ 4.2V)
22
K
Power Supply for LED B/L (0V)
DIMENSIONS in millimeters
4.0
5.0
11.5
15.0
85.0 0.5
73.0
75.0
62.0
55.01
128*128 DOTS
20-Ø1.OPTH
20-Ø1.8 PAD
P2.54*10=25.4
22
2
21
1
5.0
24.0
37.0
A
K
5.25
4-Ø1.0
4-R1.75
14.5 MAX
9.9
9.3 MAX
4.7
1.6
LED B/L
EL or NO B/L
0.43
0.4
DOT SIZE
SCALE 15/1
+


Numéro de pièce similaire - LCD-128G128A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results

Description similaire - LCD-128G128A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12-4 HANTRONIX-HDM128GS12-4_15 Datasheet
35Kb / 1P
   128 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com