Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-016M002B Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce LCD-016M002B
Description  16 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016M002B Fiches technique(HTML) 2 Page - Vishay Siliconix

  LCD-016M002B_08 Datasheet HTML 1Page - Vishay Siliconix LCD-016M002B_08 Datasheet HTML 2Page - Vishay Siliconix LCD-016M002B_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37217
Revision 01-Oct-02
www.vishay.com
32
LCD-016M002B
Vishay
For Technical Questions, Contact: Displays@Vishay.com
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
+ 3V or + 5V
3
Vo
Contrast Adjustment
4
RS
H/L Register Select Signal
5
R/W
H/L Read/Write Signal
6E
H
→L Enable Signal
7
DB0
H/L Data Bus Line
8
DB1
H/L Data Bus Line
9
DB2
H/L Data Bus Line
10
DB3
H/L Data Bus Line
11
DB4
H/L Data Bus Line
12
DB5
H/L Data Bus Line
13
DB6
H/L Data Bus Line
14
DB7
H/L Data Bus Line
15
A/Vee
+ 4.2V for LED/Negative Voltage Output
16
K
Power Supply for B/L (OV)
16 x 2 Character LCD
DIMENSIONS in millimeters
80.0
± 0.5
71.2
66.0 (VA)
56.2 (AA)
7.55
12.45
8.0
3.0
1.8
75.0
40.55
2.5
16 Ø 1.0 PTH
P2.54* 15 = 38.1
4 Ø 1.0
4-Ø 2.5 PTH
4-Ø 5.0 PAD
4.95
16
K
A
H1 MAX
9.7 MAX
5.1
H2
1.6
1.6
EL OR NO B/L
3.55
0.6
2.95
0.6
0.55
DOT SIZE
HIGH
LOW
H1
13.2
12.1
H2
8.6
7.5
LED - H/L B/L
1


Numéro de pièce similaire - LCD-016M002B_08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-016M002B VISHAY-LCD-016M002B Datasheet
85Kb / 2P
   16 x 2 Character LCD
Revision 01-Oct-02
More results

Description similaire - LCD-016M002B_08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com