Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILC0402ER2N2S Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce ILC0402ER2N2S
Description  Surface Mount, Multi Layer High Frequency Ceramic Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILC0402ER2N2S Fiches technique(HTML) 1 Page - Vishay Siliconix

  ILC0402ER2N2S Datasheet HTML 1Page - Vishay Siliconix ILC0402ER2N2S Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount, Multi Layer High Frequency
Ceramic Inductor
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34120
90
Revision: 11-Oct-07
ILC-0402
Vishay Dale
FEATURES
• High reliability
• Surface mountable
• Reflow or wave solderable
• Tape and reel packaging per EIA specifications:
4000 pieces on 7" reel
• 100 % lead (Pb)-free and RoHS compliant
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 second dip in 235 °C
solder following 60 s preheat at 120 °C and type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux above
Terminal Strength: 0.2 kg (0.44 lbs) for 30 s
Beam Strength: 0.2 kg (0.44 lbs)
Flex: 0.0788" [2.0 mm] minimum mounted on
0.063" [1.6 mm] thick PC board
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: 100 cycles, - 40 °C to + 85 °C
Humidity: + 40 °C, 85 % RH, 1000 h at full rated current
Load Life: 85 °C for 1000 h full rated current
STANDARD ELECTRICAL SPECIFICATIONS
PART NUMBER
INDUCTANCE
(nH)
TOL.
Q
(MIN.)
TEST
FREQUENCY
(MHz)
Q (TYPICAL)
DCR
MAX.
(
Ω)
SRF (MHz)
MAX. RATED
CURRENT
(mA)
100 MHz
500 MHz
1000 MHz
MIN.
TYP
ILC0402ER1N0S
ILC0402ER1N2S
ILC0402ER1N5S
ILC0402ER1N8S
ILC0402ER2N2S
ILC0402ER2N7S
ILC0402ER3N3S
ILC0402ER3N9S
ILC0402ER4N7S
ILC0402ER5N6S
ILC0402ER6N8J
ILC0402ER8N2J
ILC0402ER10NJ
ILC0402ER12NJ
ILC0402ER15NJ
ILC0402ER18NJ
ILC0402ER22NJ
ILC0402ER27NJ
ILC0402ER33NJ
ILC0402ER39NJ
ILC0402ER47NJ
ILC0402ER56NJ
ILC0402ER68NJ
ILC0402ER82NJ
ILC0402ERR10J
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
11
11
11
11
21
23
25
25
23
21
22
19
19
20
19
22
18
18
19
20
22
22
19
21
18
21
18
19
17
30
31
35
35
32
30
31
26
26
26
26
29
23
23
24
25
26
25
20
20
15
14
12
8
2
0.12
0.12
0.13
0.14
0.16
0.17
0.19
0.22
0.24
0.27
0.32
0.37
0.42
0.50
0.55
0.65
0.80
0.90
1.00
1.20
1.30
1.40
1.40
2.00
2.00
10 000
10000
6000
6000
6000
6000
6000
4000
4000
4000
3900
3600
3200
2700
2300
2100
1900
1600
1300
1200
1000
750
750
600
600
18 000
17 000
11 000
11 000
8700
7800
6400
5800
5100
4700
4200
3800
3400
2900
2500
2400
2200
2000
1800
1600
1500
1200
1250
1100
1000
300
300
300
300
300
300
300
300
300
300
250
250
250
250
250
200
200
200
200
150
150
150
150
100
100
DIMENSIONS in inches [millimeters]
GLOBAL PART NUMBER
PRODUCT FAMILY
SIZE
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
ILC
04
02
ER
1
0
N
K
DESCRIPTION
ILC-0402
10 nH
± 10 %
ER
e3
MODEL
INDUCTANCE
INDUCTANCE
PACKAGE
JEDEC LEAD (Pb)-FREE
VALUE
TOLERANCE
CODE
STANDARD
RoHS
COMPLIANT
0.04 ± 0.004
[1.0 ± 0.1]
0.02 ± 0.004
[0.5 ± 0.1]
0.01 ± 0.004
[0.25 ± 0.1]
Ceramic
Body
0.02 ± 0.004
[0.5 ± 0.1]


Numéro de pièce similaire - ILC0402ER2N2S

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ILC0402ER2N2S VISHAY-ILC0402ER2N2S Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
ILC0402ER2N2S VISHAY-ILC0402ER2N2S Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC0402ER2N2S VISHAY-ILC0402ER2N2S Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
More results

Description similaire - ILC0402ER2N2S

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
logo
Dubilier
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com