Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

134D Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 134D
Description  Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

134D Fiches technique(HTML) 2 Page - Vishay Siliconix

  134D Datasheet HTML 1Page - Vishay Siliconix 134D Datasheet HTML 2Page - Vishay Siliconix 134D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40072
88
Revision: 25-Aug-08
134D
Vishay Sprague
Wet Tantalum HI TMP® Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
for - 55 °C to + 200 °C Operation
Note
(1) For insulated parts, add 0.015 inches [0.38] to the diameter. The insulation shall lap over the ends of the capacitor body.
DIMENSIONS in inches [millimeters]
CASE CODE
DL1
L2 (Max.)
E
WEIGHT (g)
(Max.)
TYPE 134D
CLR 79/81 EQUIV.
CT1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031 - 0.016
[11.51 + 0.79 - 0.41]
0.734
[18.64]
1.500 ± 0.250
[38.10 ± 6.35]
2.6
FT2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031 - 0.016
[16.28 + 0.79 - 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
TT3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031 - 0.016
[19.46 + 0.79 - 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
KT4
0.375 ± 0.016
[9.53 ± 0.41]
1.062 + 0.031 - 0.016
[26.97 + 0.79 - 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
STANDARD RATINGS
CAPACITANCE
AT 25 °C
AND 120 Hz
CASE
CODE
MAX.
120 Hz
ESR
Ω
MAX. DCL µA
MAXIMUM
TYPICAL
AC
RIPPLE (1)
85 °C
40 kHz
mA rms
25 °C
85 °C
AND
125 °C
IMP, Z
AT
- 25 °C
Ω
ΔCAP.
AT
- 25 °C
IMP, Z
AT
- 55 °C
Ω
ΔCAP.
AT
- 55 °C
%
ΔCAP.
+ 85 °C
%
ΔCAP.
+ 125 °C
%
50 VDC AT 85 °C ... 30 VDC AT 125 °C ... 30 VDC AT 200 °C
68
C
1.50
1
5
22
- 6 %
25
- 11 %
12 %
55 %
1400
220
F
0.90
2
10
9
- 15 %
10
- 25 %
13 %
50 %
2300
470
T
0.75
3
25
6
- 24 %
8
- 50 %
10 %
25 %
2650
680
K
0.70
5
40
4
- 22 %
5
- 40 %
12 %
40 %
2900
60 VDC AT 85 °C ... 40 VDC AT 125 °C ... 36 VDC AT 200 °C
47
C
2.00
1
5
34
- 8 %
40
- 20 %
8 %
12 %
1250
150
F
1.10
2
10
13
- 11 %
15
- 25 %
10 %
30 %
2050
390
T
0.90
3
25
7
- 27 %
10
- 50 %
10 %
25 %
2450
560
K
0.80
5
40
5
- 21 %
6
- 40 %
12 %
40 %
2700
75 VDC AT 85 °C ... 50 VDC AT 125 °C ... 45 VDC AT 200 °C
33
C
2.50
1
5
45
- 3.5 %
50
- 6 %
8 %
25 %
1100
110
F
1.30
2
10
16
- 8 %
20
- 18 %
8 %
30 %
1900
330
T
1.00
3
30
8
- 30 %
12
- 50 %
10 %
25 %
2300
470
K
0.90
5
50
6
- 20 %
7
- 40 %
10 %
40 %
2550
100 WVDC AT 85 °C ... 65 WVDC AT 125 °C ... 60 WVDC AT 200 °C
15
C
3.50
1
5
95
- 2.5 %
100
- 4 %
8 %
25 %
950
68
F
2.10
2
10
25
- 6 %
30
- 14 %
8 %
25 %
1500
150
T
1.60
3
25
14
- 12 %
18
- 30 %
8 %
22 %
1800
220
K
1.20
5
50
13
- 44 %
16
- 55 %
8 %
15 %
2200
125 VDC AT 85 °C ... 85 VDC AT 125 °C ... 75 VDC AT 200 °C
10
C
5.50
1
5
145
- 2.5 %
150
- 4 %
8 %
20 %
750
47
F
2.30
2
10
35
- 5 %
40
- 12 %
7 %
20 %
1450
50
F
2.30
3
10
35
- 5 %
40
- 12 %
7 %
20 %
1450
100
T
1.80
3
25
24
- 20 %
30
- 35 %
8 %
20 %
1700
150
K
1.60
5
50
13
- 10 %
16
- 28 %
6 %
12 %
1900
EL
1
E
L
2
WELD
TANTALUM
0.0253 ± 0.002 [0.64 ± 0.05] DIA.
(NO. 22 AWG TINNED NICKEL LEADS)
SOLDERABLE AND WELDABLE
D


Numéro de pièce similaire - 134D

FabricantNo de pièceFiches techniqueDescription
logo
Willow Technologies Ltd
134D WILLOW-134D Datasheet
142Kb / 6P
   All welded construction
logo
Vishay Siliconix
134D106(1)125C(2)(3) VISHAY-134D106(1)125C(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
134D107(1)125T(2)(3) VISHAY-134D107(1)125T(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
134D108(1)060K(2)(3) VISHAY-134D108(1)060K(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
134D117(1)075F(2)(3) VISHAY-134D117(1)075F(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
More results

Description similaire - 134D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com