Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90032E3 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce 90032E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90032E3 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button 90032E3 Datasheet HTML 3Page - Vishay Siliconix 90032E3 Datasheet HTML 4Page - Vishay Siliconix 90032E3 Datasheet HTML 5Page - Vishay Siliconix 90032E3 Datasheet HTML 6Page - Vishay Siliconix 90032E3 Datasheet HTML 7Page - Vishay Siliconix 90032E3 Datasheet HTML 8Page - Vishay Siliconix 90032E3 Datasheet HTML 9Page - Vishay Siliconix 90032E3 Datasheet HTML 10Page - Vishay Siliconix 90032E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Number: 28335
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-08
241
119 AHT-DIN
Aluminum Capacitors
Axial High Temperature, DIN-Based
Vishay BCcomponents
IMPEDANCE (Z)
T
amb 40 °C
Fig.13 Typical impedance as a function of frequency
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
10
3
10
2
10
1
Z
( )
Ω
10
-1
Case Ø D x L = 12.5 x 30 mm
1
2
3
4
5
Curve 1: 150 µF; 40 V
Curve 2: 220 µF; 40 V; 25 V
Curve 3: 330 µF; 25 V; 16 V
Curve 4: 470 µF; 25 V; 16 V; 10 V
Curve 5: 680 µF;10 V
T
amb 20 °C
Fig.14 Typical impedance as a function of frequency
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
10
3
10
2
10
1
Z
( )
Ω
10
-1
Case Ø D x L = 18 x 30 mm
1
2
3
4
5
Curve 1: 150 µF; 40 V
Curve 2: 220 µF; 40 V; 25 V
Curve 3: 330 µF; 25 V; 16 V
Curve 4: 470 µF; 25 V; 16 V; 10 V
Curve 5: 680 µF;10 V
T
amb 20 °C
Fig.15 Typical impedance as a function of frequency
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
10
3
10
2
10
1
Z
( )
Ω
10
-1
Case Ø D x L = 12.5 x 30 mm
2
1
3
5
4
Curve 1: 150 µF; 40 V
Curve 2: 220 µF; 40 V; 25 V
Curve 3: 330 µF; 25 V; 16 V
Curve 4: 470 µF; 25 V; 16 V; 10 V
Curve 5: 680 µF;10 V
T
amb 20 °C
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
Case Ø D x L = 18 x 30 mm
10
2
10
1
Z
( )
Ω
10
-1
10
-2
1
2
3
5
4
Curve 1: 330 µF; 63 V
Curve 2: 680 µF; 40 V; 25 V
Curve 3: 1000 µF; 25 V
Curve 4: 1500 µF; 16 V; 10 V
Curve 5: 2200 µF;10 V
Fig.16 Typical impedance as a function of frequency


Numéro de pièce similaire - 90032E3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
900320 ETC-900320 Datasheet
6Mb / 68P
   Contacts
May 2019
900322 ETC-900322 Datasheet
6Mb / 68P
   Contacts
May 2019
900323 ETC-900323 Datasheet
6Mb / 68P
   Contacts
May 2019
900324 ETC-900324 Datasheet
6Mb / 68P
   Contacts
May 2019
900325 ETC-900325 Datasheet
6Mb / 68P
   Contacts
May 2019
More results

Description similaire - 90032E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com