Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW377 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce FW377
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW377 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  FW377 Datasheet HTML 1Page - Sanyo Semicon Device FW377 Datasheet HTML 2Page - Sanyo Semicon Device FW377 Datasheet HTML 3Page - Sanyo Semicon Device FW377 Datasheet HTML 4Page - Sanyo Semicon Device FW377 Datasheet HTML 5Page - Sanyo Semicon Device FW377 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FW377
No. A0977-5/6
Ciss, Coss, Crss -- VDS
SW Time -- ID
[Pch]
[Pch]
VGS -- Qg
A S O
[Pch]
[Pch]
PD -- Ta
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
yfs⏐ -- ID
IS -- VSD
[Pch]
[Pch]
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
PD(FET1) -- PD(FET2) [Nch, Pch]
[Nch, Pch]
Allowable Power Dissipation, PD (FET2) -- W
0
5
10
15
20
25
0
--2
--4
--6
--8
--10
--1
--3
--5
--7
--9
5
100
5
3
2
3
2
7
7
1000
10
100
2
7
7
5
5
5
3
2
3
--0.1
23
5
7
--1.0
23
5
7
--10
0
--5
--10
--15
--20
--25
--35
--30
IT13067
IT13068
Ciss
Coss
Crss
f=1MHz
td(on)
td(off)
tr
tf
VDS= --20V
ID= --5A
IT13069
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.6
2.4
2.2
2.0
1.6
1.8
IT13071
1unit
VDD= --20V
VGS= --10V
0
0.2
0.4
0.6
1.0
0.8
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.0
1.6
1.8
IT13072
--0.01
--0.1
--1.0
--10
23
5 7
2 3
5 7
2 3
5 7
23
5 7
--0.01
--0.1
--1.0
--10
7
5
3
2
7
5
3
2
5
3
2
7
5
3
2
IT13070
100ms
DC
operation
100
µs
1m
s
10ms
10s
IDP= --20A
PW
≤10µs
ID= --5A
Operation in this
area is limited by RDS(on).
IT13066
2
--0.01
--0.1
7
5
3
2
7
5
3
2
7
5
3
--1.0
--10
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
VGS=0V
IT13065
--0.01
--0.1
23
5 7
--10
23
5 7
2
--1.0
35 7
0.1
2
1.0
7
5
3
2
10
7
5
3
VDS= --10V
Ta=
--
25
°C
75
°C
25
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1500mm2
✕0.8mm) 1unit
Mounted on a ceramic board (1500mm2
✕0.8mm)
PW
≤10s
Mounted on a ceramic board (1500mm2
✕0.8mm)
PW
≤10s
Total
dissipation


Numéro de pièce similaire - FW377

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW37P15 ETC2-FW37P15 Datasheet
220Kb / 5P
   IDC Ribbon Connectors Flachbandkabelsteckverbinder
FW37S15 ETC2-FW37S15 Datasheet
220Kb / 5P
   IDC Ribbon Connectors Flachbandkabelsteckverbinder
More results

Description similaire - FW377

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com