Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4350BCPZ Fiches technique(PDF) 4 Page - Analog Devices |
|
ADF4350BCPZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 28 page ADF4350 Rev. 0 | Page 4 of 28 Parameter B Version Unit Conditions/Comments Min Typ Max NOISE CHARACTERISTICS VCO Phase-Noise Performance6 −89 dBc/Hz 10 kHz offset from 2.2 GHz carrier −114 dBc/Hz 100 kHz offset from 2.2 GHz carrier −134 dBc/Hz 1 MHz offset from 2.2 GHz carrier −148 dBc/Hz 5 MHz offset from 2.2 GHz carrier −86 dBc/Hz 10 kHz offset from 3.3 GHz carrier −111 dBc/Hz 100 kHz offset from 3.3 GHz carrier −134 dBc/Hz 1 MHz offset from 3.3 GHz carrier −145 dBc/Hz 5 MHz offset from 3.3 GHz carrier −83 dBc/Hz 10 kHz offset from 4.4 GHz carrier −110 dBc/Hz 100 kHz offset from 4.4 GHz carrier −132 dBc/Hz 1 MHz offset from 4.4 GHz carrier −145 dBc/Hz 5 MHz offset from 4.4 GHz carrier Normalized In-Band Phase Noise Floor7 −213 dBc/Hz In-Band Phase Noise8 −97 dBc/Hz 3 kHz offset from 2113.5 MHz carrier Integrated RMS Jitter9 0.5 ps Spurious Signals Due to PFD Frequency −70 dBc Level of Signal With RF Mute Enabled −40 dBm 1 AC coupling ensures AVDD/2 bias. 2 Guaranteed by design. Sample tested to ensure compliance. 3 ICP is internally modified to maintain constant loop gain over the frequency range. 4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V; prescaler = 8/9; fREFIN = 100 MHz; fPFD = 25 MHz; fRF = 4.4 GHz. 5 Using 50 Ω resistors to VVCO, into a 50 Ω load. Power measured with auxiliary RF output disabled. The current consumption of the auxiliary output is the same as for the main output. 6 The noise of the VCO is measured in open-loop conditions. 7 This figure can be used to calculate phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output use the following formula: −213 + 10log(fPFD) + 20logN . The value given is the lowest noise mode. 8 fREFIN = 100 MHz; fPFD = 25 MHz; offset frequency = 10 kHz; VCO frequency = 4227 MHz, output divide by two enabled. RFOUT = 2113.5 MHz; N = 169; loop BW = 40 kHz, ICP = 313 μA; low noise mode. The noise was measured with an EVAL-ADF4350EB1Z and the Agilent E5052A signal source analyzer. 9 fREFIN = 100 MHz; fPFD = 25 MHz; VCO frequency = 4400 MHz, RFOUT = 4400 MHz; N = 176; loop BW = 40 kHz, ICP = 313 μA; low noise mode. The noise was measured with an EVAL-ADF4350EB1Z and the Agilent E5052A signal source analyzer. |
Numéro de pièce similaire - ADF4350BCPZ |
|
Description similaire - ADF4350BCPZ |