Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9228BCPZ-65 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9228BCPZ-65
Description  Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9228BCPZ-65 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9228BCPZ-65 Datasheet HTML 3Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 4Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 5Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 6Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 7Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 8Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 9Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 10Page - Analog Devices AD9228BCPZ-65 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9228
Rev. B | Page 7 of 52
TIMING DIAGRAMS
DCO–
DCO+
D – x
D + x
FCO–
FCO+
VIN ± x
CLK–
CLK+
MSB
N – 9
D10
N – 9
D9
N – 9
D8
N – 9
D7
N – 9
D6
N – 9
D5
N – 9
D4
N – 9
D3
N – 9
D2
N – 9
D1
N – 9
D0
N – 9
D10
N – 8
MSB
N – 8
N – 1
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tA
tEL
Figure 2. 12-Bit Data Serial Stream, MSB First (Default)
DCO+
DCO–
CLK+
FCO+
FCO–
D – x
D + x
CLK–
VIN ± x
MSB
N – 9
N – 1
N
D8
N – 9
D7
N – 9
D5
N – 9
tDATA
tFRAME
tFCO
tPD
D4
N – 9
D6
N – 9
D8
N – 8
D7
N – 8
D5
N – 8
D6
N – 8
D3
N – 9
D1
N – 9
MSB
N – 8
D0
N – 9
D2
N – 9
tCPD
tEH
tA
tEL
Figure 3. 10-Bit Data Serial Stream, MSB First


Numéro de pièce similaire - AD9228BCPZ-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9228BCPZ-65 AD-AD9228BCPZ-65 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results

Description similaire - AD9228BCPZ-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com